Electronic Components Datasheet Search
  English  ▼

X  

YSS950 Datasheet(PDF) 7 Page - YAMAHA CORPORATION

Part # YSS950
Description  DAP1 Digital Audio Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS950 Datasheet(HTML) 7 Page - YAMAHA CORPORATION

Back Button YSS950 Datasheet HTML 3Page - YAMAHA CORPORATION YSS950 Datasheet HTML 4Page - YAMAHA CORPORATION YSS950 Datasheet HTML 5Page - YAMAHA CORPORATION YSS950 Datasheet HTML 6Page - YAMAHA CORPORATION YSS950 Datasheet HTML 7Page - YAMAHA CORPORATION YSS950 Datasheet HTML 8Page - YAMAHA CORPORATION YSS950 Datasheet HTML 9Page - YAMAHA CORPORATION YSS950 Datasheet HTML 10Page - YAMAHA CORPORATION YSS950 Datasheet HTML 11Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
YSS950
7
■ Pin Function List
Type
Pin
No.
Pin Name
I/O
Note 1)
Function
50
/CS
Is
SPI chip select input
51
SCK
Is
SPI clock input
52
SI
I
SPI address/data input
Serial
peripheral
interface (SPI)
53
SO
Ot
SPI data output
Connect this pin to a pull-up resistor.
29
SDIMCK
Is
Master clock input
30
SDIBCK
Is
Bit clock input for serial data input
31
SDIWCK
I
Word clock input for serial data input
18
SDI0
19
SDI1
20
SDI2
21
SDI3
22
SDI4
23
SDI5
27
SDI6
28
SDI7
I
Serial data input
Connect unused pins to a ground.
36
SDOMCK
Ot
Master clock output
35
SDOBCK
Is/O
Bit clock I/O for serial data output
Input during slave mode and output during master mode.
34
SDOWCK
I/O
Word clock I/O for serial data output
Input during slave mode and output during master mode.
47
SDO0
46
SDO1
45
SDO2
44
SDO3
43
SDO4
42
SDO5
38
SDO6
Serial data
interface
37
SDO7
O
Serial data output
Connect unused pins to a ground.
54
/INT
O
Interrupt report output
Status
58
/MUTE
O
Auto mute report output
10
GPIO0
11
GPIO1
12
GPIO2
General-purpose
I/O ports
13
GPIO3
I+/O
General-purpose I/O ports
Register settings are used to switch between input and output mode.
Pull-up during input, no pull-up during output.
Connect unused pins to a ground.
59
/RST
Is
Hardware reset input
This LSI is initialized when at low level.
7
XI
I
Clock input
Connect this pin to a 12.288 MHz crystal oscillator, such as in the part of
the circuit example indicated by Note 2.
If a crystal oscillator has not
been connected, input a 12.288 MHz clock to the XI pin.
System
8
XO
O
Clock output
Connect as shown by Note 2 in the circuit example.
If inputting a clock directly to the XI pin (without connecting a crystal
oscillator), do not connect anything to the XO pin.
Do not use the XO pin for any purpose other than clock oscillation.
5
TEST0
6
TEST1
14
TEST2
15
TEST3
Test
60
TEST4
Is
Test input
Connect to a ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com