Electronic Components Datasheet Search
  English  ▼

X  

RTL8305SC Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # RTL8305SC
Description  SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8305SC Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button RTL8305SC Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 27Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 160 page
background image
RTL8305SC
Datasheet
5-port 10/100Mbps Single-Chip Dual MII Switch Controller
15
Track ID: JATR-1076-21 Rev. 1.2
Pin Name
Pin No.
Type
Drive (mA) Description
MCOL/PCOL
58
I/OPD
4
For MAC mode MII, this pin represents MCOL collision (acts as
input).
For PHY mode MII/PHY mode SNI, this pin represents PCOL
collision (acts as output).
MTXD[3]/PRXD[3]
/P4IRTag[1]
MTXD[2]/PRXD[2]
/P4IRTag[0]
57
56
I/OPU
4
Output After Reset.
For MAC mode MII (P4MODE[1:0]=11), these pins are
MTXD[3:0], MII transmit data of MAC.
For PHY mode MII (P4MODE[1:0]=01), these pins are
PRXD[3:0], MII receive data of PHY.
For PHY mode SNI (P4MODE[1:0]=00), PRXD[0] is SNI serial
receive data.
Input Upon Reset: P4IRTag[1:0]
Insert/Remove VLAN tags of Port 4.
11=Do not insert/remove VLAN tags to/from packets.
10=Insert VLAN tags to non-tagged packets.
01=Remove tag from tagged packet.
00=Replace the VLAN tags for tagged packets and insert a
VLAN tag to non-tagged packets.
These pins are used for Port 4 only. Use serial EEPROM for
other ports.
MTXD[1]/PRXD[1]
/LEDMODE[1]
MTXD[0]/PRXD[0]
/LEDMODE[0]
55
54
I/OPU
4
Output After Reset.
For MAC mode MII (P4MODE[1:0]=11), these pins are
MTXD[3:0], MII transmit data of MAC.
For PHY mode MII (P4MODE[1:0]=01), these pins are
PRXD[3:0], MII receive data of PHY.
For PHY mode SNI (P4MODE[1:0]=00), PRXD[0] is SNI serial
receive data.
Input Upon Reset: LEDMODE[1:0]
Each port has four LED indicator pins. Each pin has different
indicator meanings set by pins, LEDMODE[1:0].
LEDMODE[1:0]=11: Speed + Link/Act + Duplex/Col +
Link/Act/Spd.
LEDMODE[1:0]=10: Speed + Act + Duplex/Col+Bi-color
Link/Active.
LEDMODE[1:0]=01: Speed + RxAct + TxAct + Link.
LEDMODE[1:0]=00: Reserved.
All LED statuses are represented as active-low or high depending
on input strapping, except Bi-color Link/Act in Bi-color LED
mode, whose polarity depends on Spd status.
Link/Act/Spd: Link, Activity, and Speed Indicator. ON for link
established. Blinking every 43ms when the corresponding port is
transmitting or receiving at 100Mbps. Blinking every 120ms
when the port is transmitting or receiving at 10Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com