Electronic Components Datasheet Search
  English  ▼

X  

RTL8305SC Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # RTL8305SC
Description  SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8305SC Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button RTL8305SC Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 160 page
background image
RTL8305SC
Datasheet
5-port 10/100Mbps Single-Chip Dual MII Switch Controller
20
Track ID: JATR-1076-21 Rev. 1.2
Pin Name
Pin No. Type
Drive (mA) Description
IBREF
127
A
Control transmit output waveform Vpp
This pin should be grounded through a 1.96KΩ resistor.
VCTRL
123
O
4
Voltage control to external regulator
This signal controls a power PNP transistor to generate the 1.8V
power supply.
ITEST1
36
Reserved pin for internal use. Should be left floating
ITEST2
37
Reserved pin for internal use. Should be left floating
ITEST3
38
Reserved pin for internal use. Should be left floating
ITEST4
41
Reserved pin for internal use. Should be left floating
ITEST5
65
Reserved pin for internal use. Should be left floating
ITEST6
72
Reserved pin for internal use. Should be left floating
DTEST2
124
Reserved pin for internal use. Should be left floating
DTEST1
125
Reserved pin for internal use. Should be left floating
5.6. Port LED Pins
Each port has four LED indicator pins. Each pin may have different indicator meanings as set by pins
LEDMODE[1:0].
All LED statuses are represented as active-low or high depending on input strapping, except Bi-color
Link/Act in Bi-color LED mode, whose polarity depends on Spd status.
Those pins that are dual function pins are output for LED or input for strapping. Below are LED
descriptions only.
Table 7. Port LED Pins
Pin Name
Pin No. Type
Drive (mA) Description
LED_SPD[4:0]/…
93,
98,
104,
109,
114
I/OPU
4
Output After Reset = Used for 1st LED.
LEDMode[1:0]=11 -> Speed (On=100, Off=10)
LEDMode[1:0]=10 -> Speed (On=100, Off=10)
LEDMode[1:0]=01 -> Speed (On=100, Off=10)
LEDMode[1:0]=00 -> Reserved
Input Upon Reset = Refer to Table 9, on page 22, and Table 10, on
page 24.
LED_ACT[4:0]/…
92,
97,
103,
108,
113
I/OPU
4
Output After Reset = Used for 2nd LED.
LEDMode[1:0]=11 -> Link/Act: (On=Link, Off=No Link,
Flash=Tx or Rx activity)
LEDMode[1:0]=10 -> Act: (Off=No activity, On=Tx or Rx
activity)
LEDMode[1:0]=01 -> RxAct: (Off=No activity, On=Rx activity)
LEDMode[1:0]=00 -> Reserved
Input Upon Reset = Refer to Table 9, on page 22, and Table 10, on
page 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com