Electronic Components Datasheet Search
  English  ▼

X  

RTL8305SC Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # RTL8305SC
Description  SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8305SC Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button RTL8305SC Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 160 page
background image
RTL8305SC
Datasheet
5-port 10/100Mbps Single-Chip Dual MII Switch Controller
26
Track ID: JATR-1076-21 Rev. 1.2
5.10. Power Pins
Table 11. Power Pins
Pin Name
Pin No.
Type
Drive (mA) Description
AVDD18
1, 7, 8, 14, 15,
21, 22, 28, 29,
35, 119, 128
P
1.8V Analog Power
HVDD33
118
P
3.3V Analog Power
AGND
4, 11, 18, 25,
32, 122, 126
P
Analog Ground
DVDD18
43, 53, 70, 100
P
1.8V Digital Power
DVDD33
62, 87, 106
P
3.3V Digital Power
DGND
39, 50, 64, 79,
94, 102, 112
P
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com