Electronic Components Datasheet Search
  English  ▼

X  

RTL8305SC Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # RTL8305SC
Description  SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8305SC Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button RTL8305SC Datasheet HTML 78Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 79Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 80Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 81Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 82Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 83Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 84Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 85Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 160 page
background image
RTL8305SC
Datasheet
5-port 10/100Mbps Single-Chip Dual MII Switch Controller
70
Track ID: JATR-1076-21 Rev. 1.2
7.3. PHY 2 Registers
7.3.1.
PHY 2 Register 0 for Port 2: Control
This register has the same definition as PHY 0 Register 0 for Port 0: Control, page 53.
7.3.2.
PHY 2 Register 1 for Port 2: Status
This register has the same definition as PHY 0 Register 1 for Port 0: Status, page 54.
7.3.3.
PHY 2 Register 2 for Port 2: PHY Identifier 1
This register has the same definition as PHY 0 Register 2 for Port 0: PHY Identifier 1, page 54.
7.3.4.
PHY 2 Register 3 for Port 2: PHY Identifier 2
This register has the same definition as PHY 0 Register 3 for Port 0: PHY Identifier 2, page 55.
7.3.5.
PHY 2 Register 4 for Port 2: Auto-Negotiation Advertisement
This register has the same definition as PHY 0 Register 4 for Port 0: Auto-Negotiation Advertisement,
page 55.
7.3.6.
PHY 2 Register 5 for Port 2: Auto-Negotiation Link Partner
Ability
This register has the same definition as PHY 0 Register 5 for Port 0: Auto-Negotiation Link Partner
Ability, page 56.
7.3.7.
PHY 2 Register 16~17: Internal Use Register
Table 98. PHY 2 Register 16~17: Internal Use Register
Reg.bit
Name
Mode Description
Default
16
Internal Use
RW
0xFFFF
17
Internal Use
RW
0xFFFF
7.3.8.
PHY 2 Register 18~19: Internal Use Register
Table 99. PHY 2 Register 18~19: Internal Use Register
Reg.bit
Name
Mode
Description
Default
18
Internal Use
RW
0xFFFF
19
Internal Use
RW
0xFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com