Electronic Components Datasheet Search
  English  ▼

X  

RTL8305SC Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # RTL8305SC
Description  SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8305SC Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button RTL8305SC Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 43Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 160 page
background image
RTL8305SC
Datasheet
5-port 10/100Mbps Single-Chip Dual MII Switch Controller
28
Track ID: JATR-1076-21 Rev. 1.2
Name
Byte.bit
Description
Default
Disable VLAN
member set
ingress filtering
1.1
1: The switch will not drop the received frame if the ingress port of this
packet is not included in the matched VLAN member set. It will still forward
the packet to the VLAN members specified in the matched member set. This
setting works on both port-based and tag-based VLAN configurations
0: The switch will drop the received frame if the ingress port of this packet is
not included in the matched VLAN member set
1
Disable VLAN
tag admit control
1.0
1: The switch accepts all frames it receives whether tagged or untagged.
0: The switch will only accept tagged frames and will drop untagged frames.
1
6.1.3.
Global Control Register2
Table 14. Global Control Register2
Name
Byte.bit
Description
Default
Internal Use
2.7
0
Internal Use
2.6
0
Internal Use
2.5~2.0
11 1111
6.1.4.
Global Control Register3
Table 15. Global Control Register3
Name
Byte.bit
Description
Default
Internal Use
3.7
0
Internal Use
3.6
0
Internal Use
3.5~3.0
11 1111
6.1.5.
Global Control Register4
Table 16. Global Control Register4
Name
Byte.bit
Description
Default
Reserved
4.7
1
Enable defer
4.6
1: Enable carrier sense deferring for half duplex back pressure
0: Disable carrier sense deferring for half duplex back pressure
1
LED blink time
4.5
1: On 43ms, then Off 43ms
0: On 120ms, then Off 120ms
1
Queue weight
4.4~4.3
The frame service ratio between the high priority queue and low priority
queue is:
11=16:1
10=Always high priority queue first
01=8:1
00=4:1
11
Disable broadcast
storm control
4.2
1: Disable Broadcast Storm Control
0: Enable Broadcast Storm Control
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com