Electronic Components Datasheet Search
  English  ▼

X  

RTL8305SC Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # RTL8305SC
Description  SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8305SC Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button RTL8305SC Datasheet HTML 70Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 71Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 72Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 73Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 74Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 75Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 76Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 77Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 160 page
background image
RTL8305SC
Datasheet
5-port 10/100Mbps Single-Chip Dual MII Switch Controller
62
Track ID: JATR-1076-21 Rev. 1.2
7.1.14. PHY 0 Register 26: Reserved or VLAN ID [F] Membership
7.1.14.1 PHY 0 Register 26: Reserved Register (Page=0)
Table 73. PHY 0 Register 26: Reserved Register
Reg.bit
Name
Mode Description
Default
26.[15:0] Reserved
0x5105
7.1.14.2 PHY 0 Register 26: VLAN ID [F] Membership (Page=1)
Table 74. PHY 0 Register 26: VLAN ID [F] Membership
Reg.bit
Name
Mode Description
Default
26.[15:5] Reserved
1111 1111
111
26.[4:0]
VLAN ID [F]
Membership Bit
[4:0]
RW
This 5-bit field specifies which ports are the members of VLAN
F. If a destination address look up fails, the packet associated
with this VLAN will be broadcast to the ports specified in this
field. Bit 0 stands for port 0, bit 4 stands for port 4.
E.g.:
10001 means port 4 and 0 are the members of VLAN F
10010 means port 4 and 1 are the members of VLAN F
11111 means all 5 ports are the members of VLAN F
1 0001
7.1.15. PHY 0 Register 27: Reserved or VLAN ID [F]
7.1.15.1 PHY 0 Register 27: Reserved Register (Page=0)
Table 75. PHY 0 Register 27: Reserved Register
Reg.bit
Name
Mode Description
Default
27.[15:0] Reserved
0x0000
7.1.15.2 PHY 0 Register 27: VLAN ID [F] (Page=1)
Table 76. PHY 0 Register 27: VLAN ID [F]
Reg.bit
Name
Mode Description
Default
27.[15:12
]
Reserved
1111
27.[11:0] VLAN ID [F]
RW
Defines the IEEE 802.1Q 12-bit VLAN identifier of VLAN F
0000 0000
0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com