Electronic Components Datasheet Search
  English  ▼

X  

RTL8305SC Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # RTL8305SC
Description  SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8305SC Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button RTL8305SC Datasheet HTML 67Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 68Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 69Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 70Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 71Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 72Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 73Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 74Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 160 page
background image
RTL8305SC
Datasheet
5-port 10/100Mbps Single-Chip Dual MII Switch Controller
59
Track ID: JATR-1076-21 Rev. 1.2
Reg.bit
Name
Mode Description
Default
18.6
Enable defer
RW
1: Enable carrier sense deferring for half duplex back pressure
0: Disable carrier sense deferring for half duplex back pressure
Pin EnDefer
strap option
Default=1
18.5
LED blink time
RW
1: On for 43ms, then Off for 43ms
0: On for 120ms, then Off for 120ms
Pin
LED_BLNK_
TIME strap
option
Default=1
18.[4:3]
Queue weight
RW
The frame service ratio between the high priority queue and
low priority queue is:
11=16:1
10=Always high priority queue first
01=8:1
00=4:1
Pin
QWeight[1:0]
strap option
Default=11
18.2
Disable broadcast
storm control
RW
1: Disable Broadcast Storm Control
0: Enable Broadcast Storm Control
Pin
DisBrdCtrl
strap option
Default=1
18.1
Enable power-on
blinking
RW
1: Enable power-on LED blinking for diagnosis
0: Disable power-on LED blinking for diagnosis
Pin
En_Rst_Blnk
strap option
Default=1
18.0
Reserved
1
7.1.10. PHY 0 Register 19: Global Control 3
Table 69. PHY 0 Register 19: Global Control 3
Reg.bit
Name
Mode Description
Default
19.[15:14
]
Reserved
11
19.[13:12
]
LED Mode[1:0]
RW
11=Mode 3: Speed, Link+Act, Duplex+Col, Link/Act/Speed
10=Mode 2: Speed, Act, Duplex/Col, Bi-color Link/Activity
01=Mode 1: Speed, RxAct, TxAct, Link
00=Mode 0: Reserved
Pin
LEDMode[1:0]
strap option
Default=11
19.11
Internal Use
RW
Default=1
19.10
Disable dual MII
interface of
Port 4
RW
1: Disable dual MII interface of port 4. Only provides MII
interface for the MAC circuit of port 4
0: Enable dual MII interface of port 4. Provides MII interface
for the MAC circuit of port 4, and also provides MII interface
for the PHY circuit of port 4
Pin
DISDUALMII
strap option
Default=1
19.[9:0]
Reserved
11 1111 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com