Electronic Components Datasheet Search
  English  ▼

X  

RTL8305SC Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # RTL8305SC
Description  SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8305SC Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button RTL8305SC Datasheet HTML 48Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 49Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 50Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 51Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 52Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 53Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 54Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 55Page - List of Unclassifed Manufacturers RTL8305SC Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 160 page
background image
RTL8305SC
Datasheet
5-port 10/100Mbps Single-Chip Dual MII Switch Controller
40
Track ID: JATR-1076-21 Rev. 1.2
6.4.3.
Port 3 Control 1
Table 38. Port 3 Control 1
Name
Byte.bit
Description
Default
Reserved
55.7
1
Internal Use
55.6
0
Local loopback
55.5
1: Perform ‘local loopback’, i.e. loopback MAC’s RX back to TX
0: Normal operation
0
Internal Use
55.4
0
Discard Non PVID
packets
55.3
1: If the received packets are tagged, the switch will discard packets whose
VID does not match the ingress port’s PVID
0: No packets will be dropped
0
Disable 802.1p
priority
55.2
1: Disable 802.1p priority classification for ingress packets on port 3
0: Enable 802.1p priority classification on port 3
1
Disable Diffserv
priority
55.1
1: Disable Diffserv priority classification for ingress packets on port 3
0: Enable Diffserv priority classification
1
Disable port-based
priority on port 3
55.0
1: Disable port-based priority QoS function on port 3
0: Enable port-based priority QoS function on port 3. Ingress packets on
port 3 will be classed as high priority
1
6.4.4.
Reserved
Table 39. Reserved
Name
Byte.bit
Description
Default
Reserved
56.7~56.0
0x00
Reserved
57.7~57.0
0x00
6.4.5.
Port 3 Control 2 & VLAN Entry [D]
Table 40. Port 3 Control 2 & VLAN Entry [D]
Name
Byte.bit
Description
Default
VLAN Entry [D]
Internal Use
58.7
1
Internal Use
58.6
1
Reserved
58.5
0
VLAN ID [D]
Membership Bit
[4:0]
58.4~58.0
This 5-bit field specifies which ports are the members of VLAN D. If a
destination address look up fails, the packet associated with this VLAN will
be broadcast to the ports specified in this field. Bit 0 stands for port 0, bit 4
stands for port 4.
E.g.:
10001 means port 4 and 0 are the members of VLAN D
10010 means port 4 and 1 are the members of VLAN D
11111 means all 5 ports are the members of VLAN D
1 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com