Electronic Components Datasheet Search
  English  ▼

X  

SC2441 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2441
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2441 Datasheet HTML 1Page - Semtech Corporation SC2441 Datasheet HTML 2Page - Semtech Corporation SC2441 Datasheet HTML 3Page - Semtech Corporation SC2441 Datasheet HTML 4Page - Semtech Corporation SC2441 Datasheet HTML 5Page - Semtech Corporation SC2441 Datasheet HTML 6Page - Semtech Corporation SC2441 Datasheet HTML 7Page - Semtech Corporation SC2441 Datasheet HTML 8Page - Semtech Corporation SC2441 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
N
E
/
S
S
e
l
b
a
s
i
D
e
v
ir
D
e
t
a
G
5
.
0V
e
g
a
tl
o
V
N
E
/
S
S
e
l
b
a
n
E
e
v
ir
D
e
t
a
G
2
.
1V
s
e
d
o
N
e
s
a
h
P
l
a
u
t
r
i
V
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OV
H
2
,
1
N
P
V
I
1
N
P
V
I
,
0
=
2
N
P
V
0
=
-
N
I
V
P
5
0
.
0
V
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OV
L
2
,
1
N
P
V
I
1
N
P
V
I
,
0
=
2
N
P
V
0
=
0
2V
m
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OV
H
2
,
1
N
P
V
I
1
N
P
V
I
=
2
N
P
V
A
m
2
1
-
=
-
N
I
V
P
2
2
.
0
V
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OV
L
2
,
1
N
P
V
I
1
N
P
V
I
=
2
N
P
V
A
m
2
1
=
0
0
2V
m
r
e
t
r
e
v
n
o
C
t
s
o
o
B
V
N
I
d
l
o
h
s
e
r
h
T
t
r
a
t
SV
H
T
N
I
V
N
I
g
n
i
s
a
e
r
c
n
I4
7
.
18
.
1V
V
N
I
d
l
o
h
s
e
r
h
T
O
L
V
UV
L
T
N
I
V
N
I
g
n
i
s
a
e
r
c
e
D5
4
.
19
5
.
1V
t
n
e
r
r
u
C
s
a
i
B
n
i
P
k
c
a
b
d
e
e
FI
3
B
F
0
40
5
2A
n
e
g
a
tl
o
V
k
c
a
b
d
e
e
FV
3
B
F
V
<
V
5
5
.
1
N
I
V
5
.
6
1
<
T
<
C
°
0
4
-
A
C
°
5
8
<
5
2
2
.
10
5
2
.
15
7
2
.
1V
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
if
il
p
m
A
k
c
a
b
d
e
e
FG
3
M
0
8
1
Ω
µ 1-
n
i
a
G
p
o
o
L
-
n
e
p
O
r
e
if
il
p
m
A
k
c
a
b
d
e
e
Fa
3
o
0
5B
d
y
c
n
e
u
q
e
r
F
g
n
i
h
c
ti
w
S
r
e
t
r
e
v
n
o
C
t
s
o
o
B
f
3
C
S
O
R
C
S
O
k
1
.
1
5
=
Ω
4
9
.
01
.
1z
H
M
e
l
c
y
C
y
t
u
D
h
c
ti
w
S
m
u
m
i
x
a
MD
3
X
A
M
2
86
8
%
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
h
c
ti
w
S
r
e
t
r
e
v
n
o
C
t
s
o
o
BV
T
A
S
E
C
I
W
S
T
,
A
1
=
A
C
°
5
2
=3
2
.
05
3
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
h
c
ti
w
S
t
s
o
o
BI
E
G
A
K
A
E
L
V
W
S
V
2
1
=5
µA
ti
m
i
L
t
n
e
r
r
u
C
h
c
ti
w
S
t
s
o
o
BI
T
I
M
I
L
7
.
12
A
Unless specified: V
IN = 2V, VCC = VBST1 = VBST1 =8V, SYNC/SHDN =2V, ROSC = 51.1kΩ, -40°C < TA = TJ < 85°C
Note 1: Guaranteed by design not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com