Electronic Components Datasheet Search
  English  ▼

X  

SC2441 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2441
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2441 Datasheet HTML 10Page - Semtech Corporation SC2441 Datasheet HTML 11Page - Semtech Corporation SC2441 Datasheet HTML 12Page - Semtech Corporation SC2441 Datasheet HTML 13Page - Semtech Corporation SC2441 Datasheet HTML 14Page - Semtech Corporation SC2441 Datasheet HTML 15Page - Semtech Corporation SC2441 Datasheet HTML 16Page - Semtech Corporation SC2441 Datasheet HTML 17Page - Semtech Corporation SC2441 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
conversion ratio at a given switching frequency. If the
desired output voltage requires high operating duty-cycle,
then operating frequency will have to be lowered to allow
modulating headroom.
Setting the Step-down Channel Frequency
The switching frequency of both step-down controllers is
set with an external resistor from Pin 10 to the ground.
The set frequency is inversely proportional to the resistor
value (Figure 5).
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
Rosc (k Ohm)
Figure 5. Step-down Channel Free-running frequency vs.
R
OSC.
Inductor (L) and Ripple Current
Both step-down controllers in the SC2441 operate in
synchronous continuous-conduction mode (CCM) regardless
of the output load. The output inductor selection/design
is based on the output DC and transient requirements.
Both output current and voltage ripples are reduced with
larger inductors but it takes longer to change the inductor
current during load transients. Conversely smaller inductors
results in lower DC copper losses but the AC core losses
(flux swing) and the winding AC resistance losses are
higher. A compromise is to choose the inductance such
that peak-to-peak inductor ripple-current is 20% to 30% of
the rated output load current.
Assuming that the inductor current ripple (peak-to-peak)
is
δ*I
o, the inductance will then be
.
f
I
)
D
1
(
V
L
s
o
o
δ
−
=
The peak current in the inductor becomes (1+
δ/2)*Io
and the RMS current is
.
12
1
I
I
2
o
rms
,
L
δ
+
=
The followings are to be considered when choosing
inductors.
a) Inductor core material: For high efficiency applications
above 350KHz, ferrite, Kool-Mu and polypermalloy
materials should be used. Low-cost powdered iron cores
can be used for cost sensitive-applications below 350KHz
but with attendant higher core losses.
b) Select inductance value: Sometimes the calculated
inductance value is not available off-the-shelf. The designer
can choose the adjacent (larger) standard inductance
value. The inductance varies with temperature and DC
current. It is a good engineering practice to re-evaluate
the resultant current ripple at the rated DC output current.
c) Current rating: The saturation current of the inductor
should be at least 1.5 times of the peak inductor current
under all conditions.
Output Capacitor (C
o) and Vout Ripple
The output capacitor provides output current filtering in
steady state and serves as a reservoir during load transient.
The output capacitor can be modeled as an ideal capacitor
in series with its parasitic ESR (R
esr) and ESL (Lesl) (Figure
6).
Co
Lesl
Resr
Figure 6. C
o equivalent circuit
If the current through the branch is i
b(t), the voltage across
the terminals will then be
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com