Electronic Components Datasheet Search
  English  ▼

X  

SC2441 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2441
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2441 Datasheet HTML 6Page - Semtech Corporation SC2441 Datasheet HTML 7Page - Semtech Corporation SC2441 Datasheet HTML 8Page - Semtech Corporation SC2441 Datasheet HTML 9Page - Semtech Corporation SC2441 Datasheet HTML 10Page - Semtech Corporation SC2441 Datasheet HTML 11Page - Semtech Corporation SC2441 Datasheet HTML 12Page - Semtech Corporation SC2441 Datasheet HTML 13Page - Semtech Corporation SC2441 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
Typical Performance Characteristics
VIN START AND UVLO THRESHOLD
VOLTAGES vs TEMPERATURE
1.5
1.6
1.7
1.8
1.9
2
-50
-25
0
25
50
75
100
TEMPERATURE (ºC)
VIN START
VIN UVLO
STEP-DOWN CHANNEL SWITCHING
FREQUENCY vs TEMPERATURE
480
485
490
495
500
505
510
515
520
-50
-25
0
25
50
75
100
TEMPERATURE (ºC)
ROSC = 51.1K
Ω
VCC START AND UVLO THRESHOLD
VOLTAGES vs TEMPERATURE
4
4.2
4.4
4.6
4.8
5
-50
-25
0
25
50
75
100
TEMPERATURE (ºC)
VCC START
VCC UVLO
MAXIMUM DUTY- CYCLE OF STEP-DOWN
CHANNEL vs TEMPERATURE
85
87
89
91
93
95
-50
-25
0
25
50
75
100
TEMPERATURE (ºC)
ROSC = 51.1K
Ω
STEP-UP SWITCH MAXIMUM DUTY- CYCLE
vs TEMPERATURE
80
82
84
86
88
90
-50
-25
0
25
50
75
100
TEMPERATURE (ºC)
ROSC = 51.1K
Ω
FB3 VOLTAGE vs TEMPERATURE
1.2
1.22
1.24
1.26
1.28
1.3
-50
-25
0
25
50
75
100
TEMPERATURE (ºC)
STEP-UP CONVERTER SWITCHING
FREQUENCY vs TEMPERATURE
950
960
970
980
990
1000
1010
1020
1030
1040
1050
-50
-25
0
25
50
75
100
TEMPERATURE (ºC)
ROSC = 51.1K
Ω
FB1 AND FB2 VOLTAGES vs TEMPERATURE
0.49
0.492
0.494
0.496
0.498
0.5
-50
-25
0
25
50
75
100
TEMPERATURE (ºC)
VIN = 2V
VCC = 5V
STEP-DOWN CONTROLLER CURRENT-LIMIT
THRESHOLD vs TEMPERATURE
40
42
44
46
48
50
-50
-25
0
25
50
75
100
TEMPERATURE (ºC)
VCC = 8V
CS(-) = 0
CS(-) = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com