Electronic Components Datasheet Search
  English  ▼

X  

SC2441 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC2441
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC2441 Datasheet HTML 16Page - Semtech Corporation SC2441 Datasheet HTML 17Page - Semtech Corporation SC2441 Datasheet HTML 18Page - Semtech Corporation SC2441 Datasheet HTML 19Page - Semtech Corporation SC2441 Datasheet HTML 20Page - Semtech Corporation SC2441 Datasheet HTML 21Page - Semtech Corporation SC2441 Datasheet HTML 22Page - Semtech Corporation SC2441 Datasheet HTML 23Page - Semtech Corporation SC2441 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
20
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
Q1
Q2
Cin
Cou t
RL
Rlo ad
Rs
Vo
Vin
Cs
vC (t )
L
iL (t )
Q3
Q4
VP N
Vbe 4
Vbe 3
Vgs2
Vgs1
PN
Figure 12. The basic structure of combi-sense.
follow the gate drive signals Vgs1 and Vgs2 respectively
with minimal delay. The transition edges at the Virtual
Phase Node (VPN) therefore matches closely to those of
the Phase Node (PN).
When Q1/Q3 are on and Q2/Q4 are off, the circuit in Figure
12 is reduced to that of Figure 13 a). Here Rds1 is the on-
resistance of the top MOSFET. The branches {(Rds1+RL),
L} and {R
s, CS}, are in parallel. The DC voltage across L and
the DC current through C
S are both zero. There is no DC
voltage across R
s either. Therefore on average, the voltage
drop (Rds1+RL)I
o equals VCs. The DC inductor current can
be sensed from V
Cs if (Rds1+RL) is known.
When Q1/Q3 are off and Q2/Q4 are on, the equivalent
circuit of Figure 12 reduces to the sub-circuit in Figure
13b). Here Rds2 is the channel resistance of the bottom
MOSFET. In this case, the branch {R
s, Cs} is in parallel with
{(Rds2+RL), L} and V
Cs=(Rds2+RL)Io. Averaging over one
switching cycle,
Cin
Cout
RL
Rload
Rs
Vo
Vin
Cs
vC(t)
L
iL(t)
PN
Rds1
VPN
Figure 13. a) Equivalent sub-circuit.
Ci n
Cou t
RL
Rload
Rs
Vo
Vin
Cs
vC (t)
L
iL(t)
PN
Rds2
VPN
Figure 13. b) Equivalent sub-circuit.
V
Cs=[D(Rds1+RL)+(1-D)(Rds2+RL)]Io
or
V
Cs=[D Rds1+(1-D)Rds2+RL]Io:=ReqIo.
The DC voltage across V
Cs is independent of L, Rs and Cs. If
only the average load current is needed (as in average
current-mode control), this current sensing method will be
sufficient without any additional time-constant matching
constraint.
In peak current-mode control, the voltage ripple on C
s is
used as the modulating ramp. The V
Cs peak-to-peak
amplitude (denoted as
∆V
Cs) directly affects the signal-
to-noise ratio of the PWM operation. Small
∆V
Cs leads to
lower signal-to-noise ratio and more jittery operation.
Large
∆V
Cs leads to more circuit (power stage) sensitive
operation. A good compromise is to make
∆V
Cs~ReqδIo.
The above condition holds if the following time-constants
are made equal.
.
C
R
R
L
s
s
eq
≈
If Rds1=Rds2, then R
eq = Rds1+ RL. For example, in the
application circuit, L=1.3µH, RL=1.56m
Ω and
Rds1=Rds2=8m
Ω , the time constant R
sCs should be set
as 136µs. If C
s=33nF, then Rs=4.12kΩ.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com