Electronic Components Datasheet Search
  English  ▼

X  

SC2441 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2441
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2441 Datasheet HTML 12Page - Semtech Corporation SC2441 Datasheet HTML 13Page - Semtech Corporation SC2441 Datasheet HTML 14Page - Semtech Corporation SC2441 Datasheet HTML 15Page - Semtech Corporation SC2441 Datasheet HTML 16Page - Semtech Corporation SC2441 Datasheet HTML 17Page - Semtech Corporation SC2441 Datasheet HTML 18Page - Semtech Corporation SC2441 Datasheet HTML 19Page - Semtech Corporation SC2441 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
16
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
2
b
1
a
1
2
b
1
2
a
1
2
2
b
1
a
1
2
a
1
a
1
2
b
1
b
1
2
b
1
2
a
1
2
b
1
a
1
b
1
a
1
eq
)
C
C
(
C
C
)
R
R
(
)
C
R
C
R
(
C
C
)
R
R
(
R
R
:
)
(
R
+
+
ω
+
+
+
ω
+
=
ω
where R
1a and C1a are the ESR and capacitance of
electrolytic capacitors, and R
1b and C1b are the ESR and
capacitance of the ceramic capacitors respectively (Figure
7).
C1a
R1a
C1b
R1b
Ceq
Req
Figure 7. Equivalent RC branch.
Req and Ceq are both functions of frequency. For rigorous
design, the equivalent ESR should be evaluated at the
ripple frequency for voltage ripple calculation when both
ceramic and electrolytic capacitors are used. If R
1a = R1b =
R
1 and C1a = C1b = C1, then Req and Ceq will be frequency-
independent and
R
eq = 1/2 R1 and Ceq = 2C1.
Input Capacitor (C
in)
The input supply to the converter usually comes from a
pre-regulator. Since the input supply is not ideal, input
capacitors are needed to filter the current pulses at the
switching frequency. A simple buck converter is shown in
Figure 8.
Figure 8. Buck converter input model
In Figure 8 the DC input voltage source has an internal
impedance R
in and the input capacitor Cin has an ESR
denoted as R
esr. MOSFET and input capacitor current
waveforms, ESR voltage ripple and input voltage ripple
are shown in Figure 9.
Figure 9. Typical waveforms at the input of a buck
converter.
It can be seen that the current in the input capacitor pulses
with high di/dt. Capacitors with low ESL should be used. It
is also important to place the input capacitor close to the
MOSFET’s on the PC board to reduce trace inductances
around the pulse current loop.
The RMS value of the capacitor current is approximately
].
)
D
1
(
D
)
D
1
)(
12
1
[(
D
I
I
2
2
2
o
Cin
−
η
+
η
−
δ
+
=
The power losses at the input capacitors is then
P
Cin = ICin
2
R
esr.
For reliable operation, the maximum power dissipation in
the capacitors should not result in more than 10oC of
temperature rise. Many manufacturers specify the
maximum allowable ripple current (ARMS) rating of the
capacitor at a given ripple frequency and ambient
temperature. The input capacitance should be high enough
to handle the ripple current. For higher power applications,
multiple capacitors are placed in parallel to increase the
ripple current handling capability.
Sometimes meeting tight input voltage ripple specifications
may require the use of larger input capacitance. At full
load, the peak-to-peak input voltage ripple due to the ESR
is
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com