Electronic Components Datasheet Search
  English  ▼

X  

SC2441 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2441
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2441 Datasheet HTML 4Page - Semtech Corporation SC2441 Datasheet HTML 5Page - Semtech Corporation SC2441 Datasheet HTML 6Page - Semtech Corporation SC2441 Datasheet HTML 7Page - Semtech Corporation SC2441 Datasheet HTML 8Page - Semtech Corporation SC2441 Datasheet HTML 9Page - Semtech Corporation SC2441 Datasheet HTML 10Page - Semtech Corporation SC2441 Datasheet HTML 11Page - Semtech Corporation SC2441 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
8
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
Block Diagram
Figure 2
IN
SYNC/SHDN
OSCILLATOR
EA1
SLOPE1
I
+
ILIM1
CLK2
R
Q
S
OL
Soft-Start
And
Overload
Hiccup
Control 1
UVLO
4.45/4.65V
Step-down Controllers Functional Diagram
Non-Overlapping
Conduction
Control
PWM1
ROSC
FB1
CS1+
CS1-
CLK1
-
+
-
+
+
REFERENCE
0.5V
+
-
ISEN1
+
-
50mV
Σ
DSBL
VCC
BST1
GDH1
PVIN
GDL1
PGND
SS1/EN1
COMP1
VPN1
28
23
25
26
24
3
21
22
5
1
11
10
6
4
FAULT
GND
9
12
VIN UVLO
0.5V 0.36V
FREQUENCY
DIVIDER
CLK
1.25V
1.60/1.74V
SLOPE COMP
SHDN
SLOPE2
SHDN
Non-Overlapping
Conduction
Control
GDH2
GDL2
SS2/EN2
VPN2
19
18
2
17
20
BST2
VCC
PVIN
EA2
SLOPE2
I
+
ILIM2
R
Q
S
OL
Soft-Start
And
Overload
Hiccup
Control 2
PWM2
FB2
CS2+
CS2-
-
+
-
+
+
0.5V
+
-
ISEN2
+
-
50mV
Σ
DSBL
COMP2
15
14
16
FAULT
13
SEL
CLK2
1.25V
-
+
ANALOG SWITCH
SEL
A
Y
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com