Electronic Components Datasheet Search
  English  ▼

X  

SC2441 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC2441
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC2441 Datasheet HTML 14Page - Semtech Corporation SC2441 Datasheet HTML 15Page - Semtech Corporation SC2441 Datasheet HTML 16Page - Semtech Corporation SC2441 Datasheet HTML 17Page - Semtech Corporation SC2441 Datasheet HTML 18Page - Semtech Corporation SC2441 Datasheet HTML 19Page - Semtech Corporation SC2441 Datasheet HTML 20Page - Semtech Corporation SC2441 Datasheet HTML 21Page - Semtech Corporation SC2441 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
18
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
The losses in power MOSFET’s consist of
a) conduction loss due to the channel resistance R
ds(on),
b) switching loss due to the switch rise time t
r and fall time
t
f and
c) the gate loss due to the gate resistance R
G.
Top Switch:
The RMS value of the top switch current is
.
)
1
(
D
I
I
12
o
rms
,
1
Q
2
δ
+
=
Its conduction loss is then
P
tc = IQ1,rms
2
R
ds(on).
R
ds(on) varies with temperature and gate-source voltage.
Curves showing R
ds(on) variations can be found in
manufacturers’ data sheet. From the Si7882DP datasheet,
R
ds(on) is less than 4.5mΩ when Vgs is greater than 5V.
However R
ds(on) increases by nearly 40% as the junction
temperature increases from 25°C to 125°C.
The switching losses can be estimated using the simple
formula
.
f
V
I)
1
)(
t
t
(
P
s
in
o
2
f
r
2
1
ts
δ
+
+
=
where t
r is the rise time and tf is the fall time of the switching
process. Different manufactures have different definitions
and test conditions for t
r
and t
f
. To clarify these, we sketch
the typical MOSFET switching characteristics under clamped
inductive mode in Figure 11.
Figure 11. MOSFET switching characteristics
In Figure 11,
Q
gs1 is the gate charge needed to bring the gate-to-source
voltage V
gs to the threshold Vgs_th,
Q
gs2 is the additional gate charge required for the switch
current to reach its full-scale value I
ds
.
and
Q
gd is the charge needed to charge gate-to-drain (Miller)
capacitance when V
ds is falling.
Switching losses occur during the time interval [t
1, t3].
Defining t
r = t3-t1. tr can be approximated as
.
V
V
R
)
Q
Q
(
t
gsp
cc
gt
gd
2
gs
r
−
+
=
where R
gt is the total resistance from the driver supply rail
to the gate of the MOSFET. It includes the gate driver internal
impedance R
gi, external resistance Rge and the gate
resistance R
g within the MOSFET i.e.
R
gt = Rgi+Rge+Rg.
V
gsp is the Miller plateau voltage shown in Figure 11.
Similarly an approximate expression for t
f is
.
V
R
)
Q
Q
(
t
gsp
gt
gd
2
gs
f
+
=
Only a portion of the total losses P
g = QgVccfs is dissipated in
the MOSFET package. Here Q
g is the total gate charge
specified in the datasheet. The power dissipated within
the MOSFET package is
.
f
V
Q
R
R
P
s
cc
g
gt
g
tg =
The total power loss of the top switch is then
P
t = Ptc+Pts+Ptg.
If the input supply of the power converter varies over a
wide range, then it will be necessary to weigh the relative
importance of conduction and switching losses. This is
because conduction loss is inversely proportional to the
input voltage. Switching loss however increases with the
input voltage. The total power loss of MOSFET should be
calculated and compared for high-line and low-line
cases. The worst case is then used for thermal design.
Bottom Switch:
The RMS current in bottom switch can be shown to be
.
)
1
)(
D
1
(
I
I
12
o
rms
,
2
Q
2
δ
+
−
=
Applications Information (Cont.)
charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com