Electronic Components Datasheet Search
  English  ▼

X  

SC2441 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC2441
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC2441 Datasheet HTML 11Page - Semtech Corporation SC2441 Datasheet HTML 12Page - Semtech Corporation SC2441 Datasheet HTML 13Page - Semtech Corporation SC2441 Datasheet HTML 14Page - Semtech Corporation SC2441 Datasheet HTML 15Page - Semtech Corporation SC2441 Datasheet HTML 16Page - Semtech Corporation SC2441 Datasheet HTML 17Page - Semtech Corporation SC2441 Datasheet HTML 18Page - Semtech Corporation SC2441 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
15
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
).
t
(
i
R
dt
)
t
(
di
L
dt
)
t
(
i
C
1
V
)
t
(
v
b
esr
t
0
b
esl
b
o
o
o
+
+
+
=
∫
This basic equation illustrates the effects of ESR, ESL and
C
o on the output voltage.
The first term is the DC voltage across C
o at time t=0. The
second term is the ripple-voltage caused by the inductor
ripple-current. The third term is the voltage ripple due to
ESL and the fourth term is the voltage ripple due to ESR.
The total output voltage ripple is then a vector sum of the
last three terms.
Since the inductor current is a triangular waveform with
peak-to-peak value
δ*I
o, the ripple-voltage caused by
inductor current ripples is
.
f
C
8
I
v
s
o
o
C
δ
≈
∆
The ripple-voltage due to ESL is
D
I
f
L
v
o
s
esl
ESL
δ
=
∆
and the ESR ripple-voltage is
.
I
R
v
o
esr
ESR
δ
=
∆
Aluminum capacitors (e.g. electrolytic, solid OS-CON,
POSCAP, tantalum) have high capacitances and low ESL’s.
The ESR has the dominant effect on the output ripple
voltage. It is therefore very important to minimize the ESR.
When determining the ESR value, both the steady state
ripple-voltage and the dynamic load transient need to be
considered. To keep the steady state output ripple-voltage
<
∆V
o, the ESR should satisfy
.
I
V
R
o
o
1
esr
δ
∆
<
To limit the dynamic output voltage overshoot/undershoot
within
α (say 3%) of the steady state output voltage) under
0 to full load current swing, the ESR value should be
.
I
V
R
o
o
2
esr
α
<
The required ESR value of the output capacitors should
be
R
esr = min{Resr1,Resr2 }.
In the aluminum capacitor selection, the working voltage
rating is normally suggested to be greater than 1.5V
o.
The allowable current ripple (RMS) should be greater than
.
3
2
I
o
δ
Usually it is necessary to have several capacitors of the
same type in parallel to satisfy the ESR requirement. The
voltage ripple cause by the capacitor charge/discharge
should be an order of magnitude smaller than the voltage
ripple caused by the ESR. To guarantee this, the
capacitance should satisfy
.
R
f
2
10
C
esr
s
o
π
>
In many application circuits, several low ESR ceramic
capacitors are added in parallel with the aluminum
capacitors to further reduce ESR and improve high
frequency decoupling. Since the capacitances and the
ESR’s of ceramic and aluminum capacitors are different,
the following remarks are made to clarify some practical
issues.
Remark 1: High frequency ceramic capacitors may not carry
most of the ripple current. It also depends on the capacitor
value. Only when the capacitor value is set properly, the
effect of ceramic capacitor low ESR starts to be significant.
For example, if a 10
µF, 4mΩ ceramic capacitor is
connected in parallel with 2x1500
µF, 90mΩ electrolytic
capacitors, the ripple current in the ceramic capacitor is
only about 42% of the current in the electrolytic capacitors
at the ripple frequency. If a 100
µF, 2mΩ ceramic capacitor
is used, the ripple current in the ceramic capacitor will be
about 4.2 times of that in the electrolytic capacitors. When
two 100
µF, 2mΩ ceramic capacitors are used, the current
ratio increases to 8.3. In this case most of the ripple
current flows in the ceramic decoupling capacitor. The ESR
of the ceramic capacitors will then determine the output
ripple-voltage.
Remark 2: The total equivalent capacitance of the filter
bank is not simply the sum of all the paralleled capacitors.
The total equivalent ESR is not simply the parallel
combination of all the individual ESR’s either. Instead they
should be calculated using the following formulae.
)
C
C
(
C
C
)
C
R
C
R
(
)
C
C
(
C
C
)
R
R
(
:
)
(
C
b
1
a
1
b
1
a
1
2
b
1
2
b
1
a
1
2
a
1
2
b
1
a
1
2
b
1
2
a
1
2
2
b
1
a
1
eq
+
+
ω
+
+
+
ω
+
=
ω
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com