Electronic Components Datasheet Search
  English  ▼

X  

HT9480 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
HT9480
Rev. 1.20
8
July 31, 2002
If the stack is full and a non-masked interrupt occurs, the
interrupt request flag is recorded but acknowledging is
inhibited until the value of the SP is decremented (by
RET or RETI), allowing that interrupt to be serviced. As
this feature can prevent a stack overflow, the use of the
structure becomes much easier. In a similar case, if the
stack is full, and a
²CALL² is subsequently executed, a
stack overflow occurs and the first entry is lost (only the
most recent eight return addresses are stored).
Data memory
- RAM
The data memory (RAM) is designed in three banks, i.e.,
bank 0, bank 1, and bank 27, and comprised of four
functional groups, namely special function registers (of
22
´8 bits; 1´4 bit; 1´2 bit in bank0), data memory (of
416
´8 bits; 224´8 in bank 0; 192´8 in bank 1), LCD dis-
play mapping memory (of 35
´4 bits), and decoder con-
figuration RAM mapping memory (of 21
´8 bits). Most of
the these groups are readable/writable but some are
read only.
: U n u s e d , r e a d a s " 0 0 "
B A N K 0
B A N K 1
2 0 H
. . H
M P 0
B P
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C
T M R 1
T M R C 1
P A
P B
P B C
P C
W D T S
3 . H
4 0 H
M P 1
I A R 1
I A R 0
D e c o d e r c o n t r o l / f l a g
D e c o d e r d a t a
T o n e c o n t r o l
G e n e r a l p u r p o s e
D A T A M e m o r y
( 1 9 2 B y t e s )
1 . H
1 E H
1 D H
1 C H
1 B H
1 A H
1 9 H
1 8 H
1 7 H
1 6 H
1 5 H
1 4 H
1 3 H
1 2 H
1 1 H
1 0 H
0 . H
0 E H
0 D H
0 C H
0 B H
0 A H
0 9 H
0 8 H
0 7 H
0 6 H
0 5 H
0 4 H
0 3 H
0 2 H
0 1 H
0 0 H
T M R 0
T M R C 0
B A N K 2 7
4 0 H
E 2 H
. . H
L C D D i s p l a y
M a p p i n g
( 3 5 X 4 B i t s )
3 . H
0 0 H
D e c o d e r c o n f i g u r a t i o n
M e m o r y ( 2 1 B y t e s )
7
6
5
4
3
2
1
0
5 4 H
C 0 H
G e n e r a l p u r p o s e
D A T A M e m o r y
( 1 9 2 B y t e s )
G l o b a l D A T A
M e m o r y
( 3 2 B y t e s )
P C C
RAM mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com