Electronic Components Datasheet Search
  English  ▼

X  

HT9480 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
HT9480
Rev. 1.20
10
July 31, 2002
Interrupts
The HT9480 provides an internal programmable timer
interrupt, an internal data ready interrupt, timer/event
counter interrupt, and a battery fail interrupt. The inter-
nal data ready interrupt and the battery fail interrupt em-
ploy the same jump location (04H). The interrupt control
register (INTC;0BH) contains interrupt control bits to set
not only the enable/disable status but also the interrupt
request flags.
Once an interrupt subroutine is serviced, the other inter-
rupts will all be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may occur during this interval, but
only the interrupt request flag is recorded. If a certain in-
terrupt requires servicing within the service routine, the
EMI bit and the corresponding bit of the INTC register
may be set to permit interrupt nesting. When the stack is
full, the interrupt request will not be acknowledged even
if the related interrupt is enabled, until the SP is decre-
mented. If immediate service is desired, the stack
should be prevented from becoming full.
All of these interrupts can support the wake-up function.
As an interrupt is serviced, a control transfer occurs by
pushing the contents of the PC onto the stack, followed
by a branch to a subroutine at the specified location in
the program memory. Only the contents of the PC is
pushed onto the stack. If the contents of the register or
of the status register (STATUS) is altered by the inter-
rupt service program which corrupts the desired control
sequence, the contents should be saved in advance.
The data ready interrupt and battery fail interrupt share
the same subroutine call location 04H. Checking the
battery fail interrupt bit (BF;bit 4 of 1EH) and the data
ready interrupt bit (DR; bit 7 of 1EH) can determine
which kind of interrupt has occurred. The value of
1EH-bit 7 DR is cleared
²0² by the decoder data ready
interrupt signal, and is set to
²1² when the MCU sets this
bit high. Both interrupt bits are active low.
The data ready interrupt is generated by the pager de-
coder after a valid call is received, and is initialized by
setting the data ready interrupt request flag (EIF; bit 4 of
INTC) and the data ready interrupt bit (DR; bit 7 of 1EH).
Labels
Bits
Function
C0
C is set if the operation results in a carry out in addition or if a borrow does not take place in sub-
traction; otherwise C is cleared. C is also affected by a rotate through carry instructions.
AC
1
AC is set if the operation results in a carry out of the low nibbles in addition or if a borrow from the
high nibble into the low nibble does not take place in subtraction; otherwise AC is cleared.
Z
2
Z is set if the result of an arithmetic or a logic operation is zero; otherwise Z is cleared.
OV
3
OV is set if the operation results in a carry into the high-order bit but not a carry out of the
high-order bit, or vice versa; otherwise OV is cleared.
PD
4
PD is cleared during power up, and set by a
²HALT² instruction.
TO
5
TO is cleared during power up or by a
²CLR WDT² instruction and a ²HALT² instruction. TO is
set by a current timer time-out.
¾
6
Undefined, read as
²0²
¾
7
Undefined, read as
²0²
STATUS register
Register
Bit No.
Label
Function
INTC
(0BH)
0
EMI
Controls the master (global) interrupt (1=enabled; 0=disabled)
1
EEI
Controls the data ready and battery fail interrupts (1=enabled; 0=disabled)
2
ET0I
Controls the programmable timer interrupt (1=enabled; 0=disabled)
3
ET1I
Controls the timer/event counter interrupt (1=enabled, 0=disabled)
4
EIF
Internal data ready and battery fail interrupt request flag (1=active; 0=inactive)
5
T0F
Internal programmable timer interrupt request flag (1=active; 0=inactive)
6
T1F
Timer/event counter request flag (1=active; 0=inactive)
7
¾
Unused bit, read as
²0²
INTC register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com