Electronic Components Datasheet Search
  English  ▼

X  

HT9480 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
HT9480
Rev. 1.20
25
July 31, 2002
Error indication
After error correction, any code-word containing more
than two bits random error or four bits burst error (op-
tion) in address or message code-word may be indi-
cated from the error flag position.
Data transfer
Data transfer is initiated once the code-word is already
received. When the HT9480 is ready to transfer the re-
ceived call data, an external interrupt will be generated
via output INT. Any message data can be read by ac-
cessing the 1FH address of the MCU RAM map via the
MCU internal bus.
The address word indicates call address, function bit
setting, and decoder flags. The message code-words
are received and concatenated to a valid call address
word. The message words derived from un-corrected
message code-words.
Data transfer for a received call ends right after the ter-
mination word is transferred.
Address word format
Bit 7
Bit 6 Bit 5 Bit 4
Bit 3
Bit 2 Bit 1 Bit 0
Sync.
State
Call address
Dup.
Call
0
Function
code
Bit 0: Bit 21 of the address code-word
Bit 1: Bit 20 of the address code-word
Bit 2=0 is to tell the difference between termination and
address word format
Bit 3=1 if a duplicate code-word.
Bit 6
Bit 5
Bit 4
Call Address
000
A
001
B
010
C
011
D
100
E
101
F
110
¾
111
¾
Bit 7= 1 if an address code-word is received in the data
fail mode.
Interrupt indication
The HT9480 provides an internal data ready interrupt
and a battery fail interrupt. The internal data ready inter-
rupt and battery fail interrupt share the same pin con-
nection. Checking the battery fail interrupt bit (BF; bit 4
of 1EH) and the data ready interrupt bit (DR;bit7of1
EH) will tell which type of interrupt has occurred. Both
interrupt bits are active low.
Out-of-range indication
The out-of-range condition occurs when the time inter-
val defined by SPF06, SPF07 does not receive any pre-
amble or sync code word. This signal will be used as
²loss of RF signal² indicator.
Duplicate call suppression
The HT9480 provides a Duplicate Call Suppression with
time-out facility, to identify duplicate call reception. In
display pager mode, duplicate call indication is achieved
only via the MCU interface. A call is assumed to be du-
plicate if its address and function bit setting is equal to
the latest received call, which initialized the call address
and function bit reference. The Duplicate Call suppres-
sion time-out is selected by programming SPF06,
SPF07.
Configuration RAM organization
The decoder contains a 21-byte RAM to store 6 user ad-
dresses, 6 independently programmable frame num-
bers and specially programmed function bits
(SPF00~SPF23) for the decoder application configura-
tion. The data memory is mapped to the addresses
40H~54H of bank 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com