| Electronic Components Datasheet Search |
|
HT9480 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9480 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc |
|
42 / 47 page ![]() SET [m] Set data memory Description Each bit of the specified data memory is set to 1. Operation [m] ¬ FFH Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SET [m]. i Set bit of data memory Description Bit i of the specified data memory is set to 1. Operation [m].i ¬ 1 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SIZ [m] Skip if increment data memory is 0 Description The contents of the specified data memory are incremented by 1. If the result is 0, the fol- lowing instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Operation Skip if ([m]+1)=0, [m] ¬ ([m]+1) Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SIZA [m] Increment data memory and place result in ACC, skip if 0 Description The contents of the specified data memory are incremented by 1. If the result is 0, the next instruction is skipped and the result is stored in the accumulator. The data memory re- mains unchanged. If the result is 0, the following instruction, fetched during the current in- struction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Operation Skip if ([m]+1)=0, ACC ¬ ([m]+1) Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SNZ [m].i Skip if bit i of the data memory is not 0 Description If bit i of the specified data memory is not 0, the next instruction is skipped. If bit i of the data memory is not 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Other- wise proceed with the next instruction (1 cycle). Operation Skip if [m].i ¹0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ HT9480 Rev. 1.20 42 July 31, 2002 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |