Electronic Components Datasheet Search
  English  ▼

X  

PI7C8152AMA Datasheet(PDF) 72 Page - Pericom Semiconductor Corporation

Part # PI7C8152AMA
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152AMA Datasheet(HTML) 72 Page - Pericom Semiconductor Corporation

Back Button PI7C8152AMA Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 76Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 72 of 90
October 16, 2003 – Revision 1.11
12.1.15
I/O LIMIT ADDRESS REGISTER – OFFSET 1Ch
Bit
Function
Type
Description
11:8
32-bit Indicator
R/O
Read as 01h to indicate 32-bit I/O addressing
15:12
I/O Limit
Address
[15:12]
R/W
Defines the top address of the I/O address range for the bridge to
determine when to forward I/O transactions from one interface to
the other. The upper 4 bits correspond to address bits [15:12] and
are writable. The lower 12 bits corresponding to address bits [11:0]
are assumed to be FFFh. The upper 16 bits corresponding to
address bits [31:16] are defined in the I/O limit address upper 16
bits address register
Reset to 0
12.1.16
SECONDARY STATUS REGISTER – OFFSET 1Ch
Bit
Function
Type
Description
20:16
Reserved
R/O
Reset to 0
21
66MHz Capable
R/O
Set to 1 to indicate PI7C8152x is capable of 66MHz operation on
the secondary interface
Reset to 1
22
Reserved
R/O
Reset to 0
23
Fast Back-to-
Back Capable
R/O
Set to 1 to indicate PI7C8152x is capable of decoding fast back-to-
back transactions on the secondary interface to different targets
Reset to 1
24
Data Parity Error
Detected
R/WC
Set to 1 when S_PERR_L is asserted and bit 6 of command register
is set
Reset to 0
26:25
DEVSEL_L
timing
R/O
DEVSEL# timing (medium decoding)
00: fast DEVSEL_L decoding
01: medium DEVSEL_L decoding
10: slow DEVSEL_L decoding
11: reserved
Reset to 01
27
Signaled Target
Abort
R/WC
Set to 1 (by a target device) whenever a target abort cycle occurs on
its secondary interface
Reset to 0
28
Received Target
Abort
R/WC
Set to 1 (by a master device) whenever transactions on its secondary
interface are terminated with target abort
Reset to 0
29
Received Master
Abort
R/WC
Set to 1 (by a master) when transactions on its secondary interface
are terminated with Master Abort
Reset to 0
30
Received System
Error
R/WC
Set to 1 when S_SERR_L is asserted
Reset to 0
31
Detected Parity
Error
R/WC
Set to 1 when address or data parity error is detected on the
secondary interface
Reset to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com