Electronic Components Datasheet Search
  English  ▼

X  

PI7C8152AMA Datasheet(PDF) 84 Page - Pericom Semiconductor Corporation

Part # PI7C8152AMA
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152AMA Datasheet(HTML) 84 Page - Pericom Semiconductor Corporation

Back Button PI7C8152AMA Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 84Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 85Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 86Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 87Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 88Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 84 of 90
October 16, 2003 – Revision 1.11
12.1.37
SECONDARY MASTER TIMEOUT COUNTER – OFFSET 80h
Bit
Function
Type
Description
31:16
Secondary
Timeout
R/W
Secondary timeout occurs after 215 PCI clocks.
Reset to 8000h.
12.1.38
CAPABILITY ID REGISTER – OFFSET DCh
Bit
Function
Type
Description
7:0
Enhanced
Capabilities ID
R/O
Read as 01h to indicate that these are power management enhanced
capability registers.
12.1.39
NEXT ITEM POINTER REGISTER – OFFSET DCh
Bit
Function
Type
Description
15:8
Next Item
Pointer
R/O
Read as 00h. No other ECP registers.
12.1.40
POWER MANAGEMENT CAPABILITIES REGISTER – OFFSET
DCh
Bit
Function
Type
Description
18:16
Power
Management
Revision
R/O
Read as 010 to indicate the device is compliant to Revision 1.1 of
PCI Power Management Interface Specifications.
19
PME_L Clock
R/O
Read as 0 to indicate PI7C8152x does not support the PME_L pin.
20
Auxiliary Power
R/O
Read as 0 to indicate PI7C8152x does not support the PME_L pin or
an auxiliary power source.
21
Device Specific
Initialization
R/O
Read as 0 to indicate PI7C8152x does not have device specific
initialization requirements.
24:22
Reserved
R/O
Read as 0
25
D1 Power State
Support
R/O
Read as 1 to indicate PI7C8152x supports the D1 power management
state.
26
D2 Power State
Support
R/O
Read as 1 to indicate PI7C8152x supports the D2 power management
state.
31:27
PME_L Support
R/O
Read as 0 to indicate PI7C8152x does not support the PME_L pin.
12.1.41
POWER MANAGEMENT DATA REGISTER – OFFSET E0h
Bit
Function
Type
Description
1:0
Power State
R/W
Indicates the current power state of PI7C8152x. If an unimplemented
power state is written to this register, PI7C8152x completes the write
transaction, ignores the write data, and does not change the value of
the field. Writing a value of D0 when the previous state was D3
cause a chip reset without asserting S_RESET_L
00: D0 state
01: D1 state
10: D2 state
11: D3 state
Reset to 0
7:2
Reserved
R/O
Read as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com