Electronic Components Datasheet Search
  English  ▼

X  

PI7C8152AMA Datasheet(PDF) 24 Page - Pericom Semiconductor Corporation

Part # PI7C8152AMA
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152AMA Datasheet(HTML) 24 Page - Pericom Semiconductor Corporation

Back Button PI7C8152AMA Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 28Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 24 of 90
October 16, 2003 – Revision 1.11
transactions. If these locations are mapped in memory space, use the memory read
command and map the target into non-prefetchable (memory-mapped I/O) memory space
to use non-prefetching behavior.
3.7.3
READ PREFETCH ADDRESS BOUNDARIES
PI7C8152x imposes internal read address boundaries on read prefetched data. When a read
transaction reaches one of these aligned address boundaries, the PI7C8152x stops pre-
fetched data, unless the target signals a target disconnect before the read prefetched
boundary is reached. When PI7C8152x finishes transferring this read data to the initiator, it
returns a target disconnect with the last data transfer, unless the initiator completes the
transaction before all pre-fetched read data is delivered. Any leftover prefetched data is
discarded.
Prefetchable read transactions in flow-through mode prefetch to the nearest aligned 4KB
address boundary, or until the initiator de-asserts FRAME_L. Section 3.7.6 describes flow-
through mode during read operations.
Table 3-4shows the read prefetch address boundaries for read transactions during non-
flow-through mode.
Table 3-4 READ PREFETCH ADDRESS BOUNDARIES
Type of Transaction
Address Space
Cache
Line
Size
(CLS)
Prefetch Address Boundary
Configuration Read
-
*
One DWORD (no prefetch)
I/O Read
-
*
One DWORD (no prefetch)
Memory Read
Non-Prefetchable
*
One DWORD (no prefetch)
Memory Read
Prefetchable
CLS = 0 or 16
16-DWORD aligned address
boundary
Memory Read
Prefetchable
CLS = 1, 2, 4, 8
Cache line address boundary
Memory Read Line
-
CLS = 0 or 16
16-DWORD aligned address
boundary
Memory Read Line
-
CLS = 1, 2, 4, 8
Cache line boundary
Memory Read Multiple
-
CLS = 0 or 16
Queue full
Memory Read Multiple
-
CLS = 1, 2, 4, 8
Second cache line boundary
- does not matter if it is prefetchable or non-prefetchable
* don’t care
Table 3-5 READ TRANSACTION PREFETCHING
Type of Transaction
Read Behavior
I/O Read
Prefetching never allowed
Configuration Read
Prefetching never allowed
Downstream: Prefetching used if address is prefetchable space
Memory Read
Upstream: Prefetching used
Memory Read Line
Prefetching always used
Memory Read Multiple
Prefetching always used
See Section 4.3 for detailed information about prefetchable and non-prefetchable address spaces.
3.7.4
DELAYED READ REQUESTS
PI7C8152x treats all read transactions as delayed read transactions, which means that the
read request from the initiator is posted into a delayed transaction queue. Read data from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com