Electronic Components Datasheet Search
  English  ▼

X  

PI7C8152AMA Datasheet(PDF) 80 Page - Pericom Semiconductor Corporation

Part # PI7C8152AMA
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152AMA Datasheet(HTML) 80 Page - Pericom Semiconductor Corporation

Back Button PI7C8152AMA Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 84Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 80 of 90
October 16, 2003 – Revision 1.11
Bit
Function
Type
Description
4
Master Abort On
Posted Write
R/W
Controls PI7C8152x’s ability to assert P_SERR_L when it receives a
master abort when attempting to deliver posted write data.
0: P_SERR_L is asserted if this event occurs and the SERR# enable
bit in the command register is set
1: P_SERR_L is not asserted if this event occurs
Reset to 0
5
Delayed Write
Non-Delivery
R/W
Controls PI7C8152x’s ability to assert P_SERR# when it is unable to
transfer delayed write data after 224 attempts.
0: P_SERR_L is asserted if this event occurs and the SERR_L enable
bit in the command register is set
1: P_SERR_L is not asserted if this event occurs
Reset to 0
6
Delayed Read –
No Data From
Target
R/W
Controls PI7C8152x’s ability to assert P_SERR_L when it is unable
to transfer any read data from the target after 224 attempts.
0: P_SERR_L is asserted if this event occurs and the SERR_L enable
bit in the command register is set
1: P_SERR_L is not asserted if this event occurs
Reset to 0
7
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
12.1.33
SECONDARY CLOCK CONTROL REGISTER – OFFSET 68h
Bit
Function
Type
Description
1:0
S_CLKOUT[0]
disable
R/W
S_CLKOUT[0] (slot 0) Enable
00: enable S_CLKOUT[0]
01: enable S_CLKOUT[0]
10: enable S_CLKOUT[0]
11: disable S_CLKOUT[0] and driven HIGH
Reset to 00
3:2
Clock 1 disable
R/W
S_CLKOUT[1] (slot 1) Enable
00: enable S_CLKOUT[1]
01: enable S_CLKOUT[1]
10: enable S_CLKOUT[1]
11: disable S_CLKOUT[1] and driven HIGH
Reset to 00
5:4
Clock 2 disable
R/W
S_CLKOUT[2] (slot 2) Enable
00: enable S_CLKOUT[2]
01: enable S_CLKOUT[2]
10: enable S_CLKOUT[2]
11: disable S_CLKOUT[2] and driven HIGH
Reset to 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com