Electronic Components Datasheet Search
  English  ▼

X  

GL826 Datasheet(PDF) 37 Page - GENESYS LOGIC

Part # GL826
Description  USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL826 Datasheet(HTML) 37 Page - GENESYS LOGIC

Back Button GL826 Datasheet HTML 33Page - GENESYS LOGIC GL826 Datasheet HTML 34Page - GENESYS LOGIC GL826 Datasheet HTML 35Page - GENESYS LOGIC GL826 Datasheet HTML 36Page - GENESYS LOGIC GL826 Datasheet HTML 37Page - GENESYS LOGIC GL826 Datasheet HTML 38Page - GENESYS LOGIC GL826 Datasheet HTML 39Page - GENESYS LOGIC GL826 Datasheet HTML 40Page - GENESYS LOGIC GL826 Datasheet HTML 41Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
GL826 USB 2.0 Multi-Slot Flash Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 37
4.10 AC Characteristics of Compact Flash PIO mode
Figure 4.7-
-
-
-Timing Diagram of Compact Flash PIO mode
Table 4.11-
-
-
-AC Characteristics of CF PIO mode (CL = 40 pF)
Parameter
Item
Mode0
Mode1
Mode2
Mode3
Mode4
Mode5
Mode6
Unit
Tcyc
Cycle Time (min)
600
399
249
183
133
100
83
ns
Tw
Read/Write Active Width
(min)
399
266
150
100
83
66
58
ns
Trec
Read/Write Recovery
Time (min)
199
132
99
83
49
33
24
ns
Td
Write Data Setup (min)
0
0
0
0
0
0
0
ns
Twh
Write Data Hold (min)
208
142
109
90
55
40
24
ns
Tsu
Read Data Setup (min)
50
35
20
20
20
15
10
ns
Thr
Read Data Hold (min)
5
5
5
5
5
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com