Electronic Components Datasheet Search
  English  ▼

X  

GL826 Datasheet(PDF) 15 Page - GENESYS LOGIC

Part # GL826
Description  USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL826 Datasheet(HTML) 15 Page - GENESYS LOGIC

Back Button GL826 Datasheet HTML 11Page - GENESYS LOGIC GL826 Datasheet HTML 12Page - GENESYS LOGIC GL826 Datasheet HTML 13Page - GENESYS LOGIC GL826 Datasheet HTML 14Page - GENESYS LOGIC GL826 Datasheet HTML 15Page - GENESYS LOGIC GL826 Datasheet HTML 16Page - GENESYS LOGIC GL826 Datasheet HTML 17Page - GENESYS LOGIC GL826 Datasheet HTML 18Page - GENESYS LOGIC GL826 Datasheet HTML 19Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
GL826 USB 2.0 Multi-Slot Flash Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 15
2.2.2 Pin List
Table 2.3-
-
-
-Pin List
Pin # Pin Name Type Pin # Pin Name Type Pin #
Pin Name
Type Pin #
Pin Name
Type
1
AVDD1
P
33
MS_D4
B
65
CF_RST
O
97
5V
P
2
RREF
A
34
MS_D5
B
66
CF_IORDY
I
98
VDD33
P
3
AGND1
P
35
MS_D6
B
67 CF_DMARQ
I
99
PMOSOZ_MS
P
4
DM
A
36
MS_D7
B
68 CF_DMACK
O
100 PMOSOA_SM
P
5
DP
A
37
VDD33
P
69
CF_A2
O
101 PMOSOB_SD
P
6
AVDD3
P
38
GND
P
70
CF_A1
O
102 PMOSOC_SD
P
7
AGND3
P
39 SM_WPDZ
I
71
CF_A0
O
103 PMOSOD_CF
P
8
GPIO12
B
40
SM_D7
B
72
CF_D0
B
104
5V
P
9
MOEZ
B
41
SM_D6
B
73
CF_D1
B
105
IREF
A
10
MA10
B
42
SM_D5
B
74
CF_D8
B
106
X1
I
11
MCSZ
B
43
SM_D4
B
75
CF_D2
B
107
X2
B
12
MD7
B
44
SM_D3
B
76
CF_D9
B
108
GND
P
13
MD6
B
45
SM_D2
B
77
CF_D10
B
109
MS_BS
O
14
MD5
B
46
SM_D1
B
78
SM_CLE
O
110
MS_D1
B
15
MD4
B
47
SM_D0
B
79
SM_CEZ
O
111
MS_D0
B
16
MD3
B
48
SM_WPZ
B
80
SM_REZ
O
112
MS_D2
B
17
MD2
B
49
SM_WEZ
O
81
SM_RBZ
I
113
MS_INS
I
18
MD1
B
50
SM_ALE
O
82
SM_CDZ
B
114
MS_D3
B
19
MD0
B
51
CF_D3
B
83
XD_CDZ
I
115
MS_CLK
O
20
MA0
B
52
CF_D11
B
84
SD_WPZ
I
116
MA4
O
21
MA1
B
53
CF_D4
B
85
SD_CDZ
I
117
MA5
O
22
MA2
B
54
CF_D12
B
86
SD_D1
B
118
MA6
O
23
MA3
B
55
CF_D5
B
87
SD_D0
B
119
MA7
O
24
TSTMOD
I
56
CF_D13
B
88
SD_D7
B
120
MA12
O
25
CF_CDZ
I
57
CF_D6
B
89
SD_D6
B
121
MA15
O
26
GPIO1
B
58
CF_D14
B
90
SD_CLK
O
122
EXTRSTZ
I
27
GPIO0
B
59
CF_D7
B
91
SD_D5
B
123
MWEZ
O
28
GPIO4
B
60
CF_D15
B
92
SD_CMD
B
124
MA14
O
29
GPIO5
B
61
CF_CS0Z
O
93
SD_D4
B
125
MA13
O
30
GPIO3
B
62
CF_CS1Z
O
94
SD_D3
B
126
MA8
O
31
GPIO2
B
63
CF_IORZ
O
95
SD_D2
B
127
MA9
O
32
GPIO6
I
64
CF_IOWZ
O
96
GND
P
128
MA11
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com