Electronic Components Datasheet Search
  English  ▼

X  

GL826 Datasheet(PDF) 21 Page - GENESYS LOGIC

Part # GL826
Description  USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL826 Datasheet(HTML) 21 Page - GENESYS LOGIC

Back Button GL826 Datasheet HTML 17Page - GENESYS LOGIC GL826 Datasheet HTML 18Page - GENESYS LOGIC GL826 Datasheet HTML 19Page - GENESYS LOGIC GL826 Datasheet HTML 20Page - GENESYS LOGIC GL826 Datasheet HTML 21Page - GENESYS LOGIC GL826 Datasheet HTML 22Page - GENESYS LOGIC GL826 Datasheet HTML 23Page - GENESYS LOGIC GL826 Datasheet HTML 24Page - GENESYS LOGIC GL826 Datasheet HTML 25Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
GL826 USB 2.0 Multi-Slot Flash Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 21
SD_D7~0
28, 27, 29, 32,
33, 34, 26, 25
B, pd SD data line
SD_CLK
30
O, pd SD clock
SD_CMD
31
B, pd SD command/response
MS_BS
44
O, pd MS/MSP bus state
MS_INS
1
I, pu
MS insertion detect
MS_D7~0
19, 20, 18, 17
48, 47, 45, 46
B, pd MS/MSP data signal
MS_CLK
3
O, pd MS clock
5V
39
P
5V power input
PMOSOZ_ MS
37
P
MS power 250mA
PMOSOB_SD
38
P
SD power 200mA
IREF
40
A
Regulator reference voltage
X1
41
I
XTAL 1
X2
42
B
XTAL 2
EXTRSTZ
4
I, pu
System reset
Notation:
Type
O
Output
I
Input
B
Bi-directional
pu
internal pull-up when input
pd
internal pull-down when input
P
Power / Ground
A
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com