Electronic Components Datasheet Search
  English  ▼

X  

GL826 Datasheet(PDF) 31 Page - GENESYS LOGIC

Part # GL826
Description  USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL826 Datasheet(HTML) 31 Page - GENESYS LOGIC

Back Button GL826 Datasheet HTML 27Page - GENESYS LOGIC GL826 Datasheet HTML 28Page - GENESYS LOGIC GL826 Datasheet HTML 29Page - GENESYS LOGIC GL826 Datasheet HTML 30Page - GENESYS LOGIC GL826 Datasheet HTML 31Page - GENESYS LOGIC GL826 Datasheet HTML 32Page - GENESYS LOGIC GL826 Datasheet HTML 33Page - GENESYS LOGIC GL826 Datasheet HTML 34Page - GENESYS LOGIC GL826 Datasheet HTML 35Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
GL826 USB 2.0 Multi-Slot Flash Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 31
4.6 AC Characteristics of xD-Picture
The Timing diagrams are the same as SM.
Table 4.6-
-
-
-AC Characteristics of xD (CL = 40pF)
Parameter
Description
Min.
Max.
Unit
tCLS
CLE Set up Time
20
-
tCLH
CLE Hold Time
40
-
tCS
CE Setup up Time
20
-
tCH
CE Hold Time
40
-
tWP
WE Pulse Width
40
-
tALS
ALE Setup Time
20
-
tALH
ALE Hold Time
40
-
tDS
Data Setup Time
30
-
tDH
Data Hold Time
20
-
tWC
Write Cycle Time
80
-
tWH
WE High Hold Time
20
-
tWW
WP High to WE Low
100
-
tRR
Ready to RE Low
20
-
tRP
Read Pulse Width
60
-
tRC
Read Cycle Time
80
-
tREA
RE Access Time(Serial Data Access)
-
45
tCEH
CE High Hold Time
250
-
tREAID
RE Access Time(ID Read)
-
90
tRHZ
RE High to Output Hi-Z
5
30
tCHZ
CE High to Output Hi-Z
-
30
tREH
RE High Hold Time
20
-
tRSTO
RE Access Time
-
45
tCSTO
CE Access Time
-
55
tRHW
RE High to WE Low
0
-
tWHC
WE High to CE Low
50
-
tWHR
WE High to RE Low
60
-
TAR1
ALE Low to RE Low
200
-
tCR
CE Low to RE Low
200
-
tWB
WE High to Busy
-
200
TAR2
ALE LOW to RE LOW
150
-
tRB
Last RE High to Busy
-
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com