Electronic Components Datasheet Search
  English  ▼

X  

GL826 Datasheet(PDF) 30 Page - GENESYS LOGIC

Part # GL826
Description  USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL826 Datasheet(HTML) 30 Page - GENESYS LOGIC

Back Button GL826 Datasheet HTML 26Page - GENESYS LOGIC GL826 Datasheet HTML 27Page - GENESYS LOGIC GL826 Datasheet HTML 28Page - GENESYS LOGIC GL826 Datasheet HTML 29Page - GENESYS LOGIC GL826 Datasheet HTML 30Page - GENESYS LOGIC GL826 Datasheet HTML 31Page - GENESYS LOGIC GL826 Datasheet HTML 32Page - GENESYS LOGIC GL826 Datasheet HTML 33Page - GENESYS LOGIC GL826 Datasheet HTML 34Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
GL826 USB 2.0 Multi-Slot Flash Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 30
Table 4.5-
-
-
-AC Characteristics of Smart Media Interface (CL = 40 pF)
Symbol
Parameter
Min.
Max.
Unit
tCLS
CLE Setup Time
20
-
ns
tCLH
CLE Hold Time
40
-
ns
tCS
-CE Setup Time
20
-
ns
tCH
-CE Hold Time
40
-
ns
tWP
-WE Pulse Width
40
-
ns
tALS
ALE Setup Time
20
-
ns
tALH
ALE Hold Time
40
-
ns
tDS
Data Setup Time
30
-
ns
tDH
Data Hold Time
20
-
ns
tWC
Write Cycle Time
80
-
ns
tWH
-WE High Hold Time
20
-
ns
tWW
-WP High to –WE Low
100
-
ns
tRR
Ready to –RE Low
20
-
ns
tRP
Read Pulse Width
60
-
ns
tRC
Read cycle Time
80
-
ns
tREA
-RE Access Time (Serial Data Access)
-
45
ns
tCEH
-CE High Hold Time (At the Last Serial Read)
250
-
ns
tREAID
-RE Access Time (ID Read)
-
90
ns
tRHZ
-RE High to Output Hi-Z
5
30
ns
tCHZ
-CE High to Output Hi-Z
-
30
ns
tREH
-RE High Hold Time
20
-
ns
tRSTO
-RE Access Time
-
45
ns
tCSTO
-CE Access Time
-
55
ns
tRHW
-RE High to -WE Low
0
-
ns
tWHC
-WE High to –CE Low
50
-
ns
tWHR
-WE High to –RE Low
60
-
ns
tAR1
ALE Low to –RE Low (Address Register Read, ID Read)
200
-
ns
tCR
-CE Low to –RE Low (Data Register Read, ID Read)
200
-
ns
tWB
-WE High to Busy
-
200
ns
tAR2
ALE Low to RE Low (Read Cycle)
150
ns
tRB
Last –RE High to Busy (at Sequential Read)
-
500
ns
tCRY
-CE High to Ready
-
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com