Electronic Components Datasheet Search
  English  ▼

X  

GL826 Datasheet(PDF) 32 Page - GENESYS LOGIC

Part # GL826
Description  USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL826 Datasheet(HTML) 32 Page - GENESYS LOGIC

Back Button GL826 Datasheet HTML 28Page - GENESYS LOGIC GL826 Datasheet HTML 29Page - GENESYS LOGIC GL826 Datasheet HTML 30Page - GENESYS LOGIC GL826 Datasheet HTML 31Page - GENESYS LOGIC GL826 Datasheet HTML 32Page - GENESYS LOGIC GL826 Datasheet HTML 33Page - GENESYS LOGIC GL826 Datasheet HTML 34Page - GENESYS LOGIC GL826 Datasheet HTML 35Page - GENESYS LOGIC GL826 Datasheet HTML 36Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
GL826 USB 2.0 Multi-Slot Flash Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 32
4.7 AC Characteristics of Memory Stick
Figure 4.3-
-
-
-MemoryStick Parallel Transfer Operation Timing
Table 4.7-
-
-
-AC Characteristics of Memory Stick Interface (CL = 26 pF)
Parameter
Description
Type
Unit
FSCLK
SCLK frequency
20
MHz
Parameter
Description
FSCLK = 20 MHz
Unit
tSCLKc
SCLK Cycle
50.0
ns
tSCLKwh
SCLK H pulse length (min)
15
ns
tSCLKwl
SCLK L pulse length (min)
15
ns
tSCLKr
SCLK rise time (min)
5
ns
tSCLKr
SCLK rise time (max)
10
ns
tSCLKf
SCLK Fall time (min)
5
ns
tSCLKf
SCLK Fall time (max)
10
ns
tBSsu
BS setup time (min)
5
ns
tBSh
BS hold time (min)
5
ns
tDsu
DATA setup time (min)
5
ns
tDh
DATA hold time (min)
5
ns
tDd
DATA output delay time (max)
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com