Electronic Components Datasheet Search
  English  ▼

X  

GL826 Datasheet(PDF) 12 Page - GENESYS LOGIC

Part # GL826
Description  USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL826 Datasheet(HTML) 12 Page - GENESYS LOGIC

Back Button GL826 Datasheet HTML 8Page - GENESYS LOGIC GL826 Datasheet HTML 9Page - GENESYS LOGIC GL826 Datasheet HTML 10Page - GENESYS LOGIC GL826 Datasheet HTML 11Page - GENESYS LOGIC GL826 Datasheet HTML 12Page - GENESYS LOGIC GL826 Datasheet HTML 13Page - GENESYS LOGIC GL826 Datasheet HTML 14Page - GENESYS LOGIC GL826 Datasheet HTML 15Page - GENESYS LOGIC GL826 Datasheet HTML 16Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
GL826 USB 2.0 Multi-Slot Flash Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 12
CF_RST
65
O, pu CF reset
CF_IORDY
66
I, pu
CF IO ready
CF_DMARQ
67
I, pd
CF DMA request
CF_DMACK
68
O
CF DMA acknowledge
CF_A2~0
69~71
O
CF address
SM_WPDZ
39
I, pu
SM WP#
SM_D7~0
40~47
B, pd SM data ports
SM_WPZ
48
B, pu SM write protect
SM_WEZ
49
O, pu SM write enable
SM_ALE
50
O, pd SM_ALE
SM_CLE
78
O, pd SM command latch enable
SM_CEZ
79
O, pu SM card enable
SM_REZ
80
O, pu SM read enable
SM_RBZ
81
I, pu
SM read/busy
SM_CDZ
82
B, pu SM card detect
XD_CDZ
83
I, pu
XD card detect
SD_WPZ
84
I, pu
SD write protect
SD_CDZ
85
I, pu
SD card detect
SD_D7~0
88, 89, 91, 93
94, 95, 86, 87
B, pd SD data line
SD_CLK
90
O, pd SD clock
SD_CMD
92
B
SD command/response
MS_BS
109
O, pd MS/MSP bus state
MS_INS
113
I, pu
MS insertion detect
MS_D3~0
114, 112, 110, 111
B, pd MS/MSP data signal
MS_CLK
115
O, pd MS clock
5V
97, 104
P
5V power input
PMOSOZ_ SD
99
P
SD power 250mA
PMOSOA_SM
100
P
SM power 100mA
PMOSOB_MS
101
P
MS power 100mA
PMOSOC_mSD
102
P
mSD power 100mA
PMOSOD_CF
103
P
CF power 500mA
IREF
105
A
Regulator reference voltage
X1
106
I
XTAL 1
X2
107
B
XTAL 2
EXTRSTZ
122
I, pu
System reset
Notation:
Type
O
Output
I
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com