Electronic Components Datasheet Search
  English  ▼

X  

GL826 Datasheet(PDF) 16 Page - GENESYS LOGIC

Part # GL826
Description  USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL826 Datasheet(HTML) 16 Page - GENESYS LOGIC

Back Button GL826 Datasheet HTML 12Page - GENESYS LOGIC GL826 Datasheet HTML 13Page - GENESYS LOGIC GL826 Datasheet HTML 14Page - GENESYS LOGIC GL826 Datasheet HTML 15Page - GENESYS LOGIC GL826 Datasheet HTML 16Page - GENESYS LOGIC GL826 Datasheet HTML 17Page - GENESYS LOGIC GL826 Datasheet HTML 18Page - GENESYS LOGIC GL826 Datasheet HTML 19Page - GENESYS LOGIC GL826 Datasheet HTML 20Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
GL826 USB 2.0 Multi-Slot Flash Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 16
2.2.3 Pin Description
Table 2.4-
-
-
-Pin Description
Pin Name
Pin #
Type Description
AVDD1
1
P
Analog power
RREF
2
A
USB Reference resistor
AGND1
3
P
Analog ground
DM
4
A
USB D-
DP
5
A
USB D+
AVDD3
6
P
Analog power
AGND3
7
P
Analog ground
VDD33
37, 98
P
PAD power 3.3V
GND
38, 96, 108
P
Digital Ground
GPIO1~6, 12
8, 26~32
B
General purpose IO
TSTMOD
24
I, pd
Test mode
MCSZ
11
O, pu External flash chip select
MOEZ
9
O, pu External flash output enable
MWEZ
123
O, pu External flash write enable
MA15~0
121~125, 120, 128, 10,
127, 126, 119~116, 23~20
O
External flash address ports
MA6
118
O
Serial EEPROM clock
MA7
119
B, pu Serial EEPROM data
MD7~0
12~19
B, pd External flash data ports
CF_CDZ
25
I, pu
CF card detect
CF_D15~0
60, 58, 56, 54,
52, 77, 76, 74,
59, 57, 55, 53,
51, 75, 73, 72
B
CF data ports
CF_CS0Z
61
O, pu CF chip select 0
CF_CS1Z
62
O, pu CF chip select 1
CF_IORZ
63
O, pu CF IO read
CF_IOWZ
64
O, pu CF IO write
CF_RST
65
O, pu CF reset
CF_IORDY
66
I, pu
CF IO ready
CF_DMARQ
67
I, pd
CF DMA request
CF_DMACK
68
O
CF DMA acknowledge
CF_A2~0
69~71
O
CF address
SM_WPDZ
39
I, pu
SM WP#
SM_D7~0
40~47
B, pd SM data ports
SM_WPZ
48
B, pu SM write protect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com