Electronic Components Datasheet Search
  English  ▼

X  

B57867 Datasheet(PDF) 7 Page - EPCOS

Part # B57867
Description  NTC thermistors for temperature measurement
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57867 Datasheet(HTML) 7 Page - EPCOS

Back Button B57867 Datasheet HTML 3Page - EPCOS B57867 Datasheet HTML 4Page - EPCOS B57867 Datasheet HTML 5Page - EPCOS B57867 Datasheet HTML 6Page - EPCOS B57867 Datasheet HTML 7Page - EPCOS B57867 Datasheet HTML 8Page - EPCOS B57867 Datasheet HTML 9Page - EPCOS B57867 Datasheet HTML 10Page - EPCOS B57867 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
B57867S0202J140
R/T No.
1008
T (
°C)
B25/100 = 3560 K, R25 = 2000
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
50.0
810.9
762.5
859.3
6.0
1.8
3.4
55.0
683.4
641.4
725.4
6.1
1.9
3.3
60.0
579.0
542.5
615.5
6.3
2.0
3.2
65.0
494.3
462.3
526.2
6.5
2.1
3.1
70.0
423.7
395.6
451.7
6.6
2.2
3.1
75.0
363.9
339.3
388.5
6.8
2.3
3.0
80.0
313.6
291.9
335.3
6.9
2.4
2.9
85.0
271.8
252.7
291.0
7.1
2.5
2.8
90.0
236.4
219.5
253.4
7.2
2.6
2.8
95.0
206.8
191.7
221.9
7.3
2.7
2.7
100.0
181.5
168.0
195.0
7.4
2.8
2.6
105.0
159.3
147.2
171.4
7.6
3.0
2.6
110.0
140.2
129.4
151.0
7.7
3.1
2.5
115.0
123.8
114.1
133.5
7.8
3.2
2.4
120.0
109.6
100.9
118.3
7.9
3.3
2.4
125.0
97.41
89.57
105.3
8.0
3.4
2.3
130.0
86.83
79.74
93.91
8.2
3.6
2.3
135.0
77.44
71.04
83.85
8.3
3.7
2.2
140.0
69.23
63.43
75.03
8.4
3.8
2.2
145.0
62.10
56.83
67.36
8.5
4.0
2.1
150.0
55.82
51.03
60.61
8.6
4.1
2.1
155.0
50.39
46.02
54.76
8.7
4.3
2.0
B57867S0302F140
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 3000
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
288910
271710
306120
6.0
0.8
7.4
50.0
201030
189880
212180
5.5
0.8
7.1
45.0
141510
134210
148800
5.2
0.7
6.9
40.0
100950
96126
105770
4.8
0.7
6.7
35.0
72777
69560
75993
4.4
0.7
6.4
30.0
53100
50936
55264
4.1
0.7
6.2
25.0
39111
37646
40576
3.7
0.6
6.0
20.0
29121
28123
30119
3.4
0.6
5.8
15.0
21879
21196
22562
3.1
0.6
5.6
10.0
16599
16129
17069
2.8
0.5
5.4
5.0
12695
12371
13018
2.5
0.5
5.3
0.0
9795
9572
10018
2.3
0.4
5.1
Temperature measurement
B57867
Miniature sensors with bendable wires
S867
Page 7 of 32
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com