Electronic Components Datasheet Search
  English  ▼

X  

B57867 Datasheet(PDF) 4 Page - EPCOS

Part # B57867
Description  NTC thermistors for temperature measurement
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57867 Datasheet(HTML) 4 Page - EPCOS

  B57867 Datasheet HTML 1Page - EPCOS B57867 Datasheet HTML 2Page - EPCOS B57867 Datasheet HTML 3Page - EPCOS B57867 Datasheet HTML 4Page - EPCOS B57867 Datasheet HTML 5Page - EPCOS B57867 Datasheet HTML 6Page - EPCOS B57867 Datasheet HTML 7Page - EPCOS B57867 Datasheet HTML 8Page - EPCOS B57867 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
R/T characteristics
B57867S0202F140
R/T No.
1008
T (
°C)
B25/100 = 3560 K, R25 = 2000
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
106210
100440
111970
5.4
0.9
6.1
50.0
78635
74654
82616
5.1
0.8
6.0
45.0
58650
55886
61415
4.7
0.8
5.8
40.0
44060
42131
45989
4.4
0.8
5.7
35.0
33333
31980
34686
4.1
0.7
5.5
30.0
25392
24439
26344
3.8
0.7
5.4
25.0
19450
18778
20122
3.5
0.7
5.2
20.0
15034
14557
15511
3.2
0.6
5.1
15.0
11671
11332
12009
2.9
0.6
4.9
10.0
9137
8896
9378
2.6
0.5
4.8
5.0
7210
7038
7382
2.4
0.5
4.7
0.0
5733
5610
5856
2.1
0.5
4.5
5.0
4581
4494
4669
1.9
0.4
4.4
10.0
3688
3625
3750
1.7
0.4
4.3
15.0
2984
2940
3028
1.5
0.4
4.1
20.0
2431
2400
2461
1.3
0.3
4.0
25.0
2000
1980
2020
1.0
0.3
3.9
30.0
1660
1639
1680
1.2
0.3
3.8
35.0
1373
1353
1392
1.4
0.4
3.7
40.0
1142
1124
1161
1.6
0.5
3.6
45.0
960.3
943.0
977.6
1.8
0.5
3.5
50.0
810.9
794.9
826.9
2.0
0.6
3.4
55.0
683.4
668.8
698.0
2.1
0.6
3.3
60.0
579.0
565.7
592.4
2.3
0.7
3.2
65.0
494.3
482.1
506.5
2.5
0.8
3.1
70.0
423.7
412.6
434.7
2.6
0.9
3.1
75.0
363.9
353.8
373.9
2.8
0.9
3.0
80.0
313.6
304.5
322.7
2.9
1.0
2.9
85.0
271.8
263.5
280.1
3.1
1.1
2.8
90.0
236.4
228.9
244.0
3.2
1.2
2.8
95.0
206.8
199.9
213.7
3.3
1.2
2.7
100.0
181.5
175.2
187.7
3.4
1.3
2.6
105.0
159.3
153.6
165.0
3.6
1.4
2.6
110.0
140.2
135.0
145.4
3.7
1.5
2.5
115.0
123.8
119.1
128.5
3.8
1.6
2.4
120.0
109.6
105.3
113.9
3.9
1.6
2.4
125.0
97.41
93.47
101.4
4.0
1.7
2.3
130.0
86.83
83.22
90.44
4.2
1.8
2.3
135.0
77.44
74.14
80.75
4.3
1.9
2.2
Temperature measurement
B57867
Miniature sensors with bendable wires
S867
Page 4 of 32
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com