Electronic Components Datasheet Search
  English  ▼

X  

B57867 Datasheet(PDF) 21 Page - EPCOS

Part # B57867
Description  NTC thermistors for temperature measurement
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57867 Datasheet(HTML) 21 Page - EPCOS

Back Button B57867 Datasheet HTML 17Page - EPCOS B57867 Datasheet HTML 18Page - EPCOS B57867 Datasheet HTML 19Page - EPCOS B57867 Datasheet HTML 20Page - EPCOS B57867 Datasheet HTML 21Page - EPCOS B57867 Datasheet HTML 22Page - EPCOS B57867 Datasheet HTML 23Page - EPCOS B57867 Datasheet HTML 24Page - EPCOS B57867 Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
B57867S0303J140
R/T No.
8018
T (
°C)
B25/100 = 3964 K, R25 = 30000
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
40.0
907060
827630
986480
8.8
1.4
6.4
35.0
663280
607570
718990
8.4
1.4
6.2
30.0
489810
450340
529280
8.1
1.4
6.0
25.0
365130
336910
393350
7.7
1.3
5.8
20.0
274640
254280
295000
7.4
1.3
5.6
15.0
208370
193560
223190
7.1
1.3
5.4
10.0
159410
148540
170270
6.8
1.3
5.3
5.0
122920
114880
130950
6.5
1.3
5.1
0.0
95501
89516
101490
6.3
1.3
5.0
5.0
74745
70255
79234
6.0
1.2
4.8
10.0
58911
55521
62301
5.8
1.2
4.7
15.0
46745
44168
49321
5.5
1.2
4.6
20.0
37332
35362
39302
5.3
1.2
4.4
25.0
30000
28500
31500
5.0
1.2
4.3
30.0
24253
22975
25531
5.3
1.3
4.2
35.0
19720
18639
20801
5.5
1.3
4.1
40.0
16123
15206
17040
5.7
1.4
4.0
45.0
13252
12472
14032
5.9
1.5
3.9
50.0
10949
10284
11615
6.1
1.6
3.8
55.0
9091
8521
9660
6.3
1.7
3.7
60.0
7584
7095
8073
6.4
1.8
3.6
65.0
6356
5935
6777
6.6
1.9
3.5
70.0
5351
4987
5714
6.8
2.0
3.4
75.0
4524
4209
4838
7.0
2.1
3.3
80.0
3840
3567
4114
7.1
2.2
3.2
85.0
3273
3035
3511
7.3
2.3
3.2
90.0
2800
2592
3008
7.4
2.4
3.1
95.0
2405
2223
2587
7.6
2.5
3.0
100.0
2073
1912
2233
7.7
2.6
2.9
105.0
1792
1651
1933
7.9
2.7
2.9
110.0
1555
1431
1680
8.0
2.9
2.8
115.0
1354
1244
1464
8.1
3.0
2.7
120.0
1182
1085
1280
8.3
3.1
2.7
125.0
1036
948.9
1123
8.4
3.2
2.6
130.0
910.0
832.5
987.4
8.5
3.3
2.6
135.0
801.7
732.5
870.9
8.6
3.4
2.5
140.0
708.3
646.3
770.3
8.8
3.6
2.5
145.0
627.4
571.8
683.1
8.9
3.7
2.4
150.0
557.2
507.2
607.3
9.0
3.8
2.3
155.0
496.1
451.1
541.2
9.1
4.0
2.3
Temperature measurement
B57867
Miniature sensors with bendable wires
S867
Page 21 of 32
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com