Electronic Components Datasheet Search
  English  ▼

X  

B57867 Datasheet(PDF) 28 Page - EPCOS

Part # B57867
Description  NTC thermistors for temperature measurement
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57867 Datasheet(HTML) 28 Page - EPCOS

Back Button B57867 Datasheet HTML 24Page - EPCOS B57867 Datasheet HTML 25Page - EPCOS B57867 Datasheet HTML 26Page - EPCOS B57867 Datasheet HTML 27Page - EPCOS B57867 Datasheet HTML 28Page - EPCOS B57867 Datasheet HTML 29Page - EPCOS B57867 Datasheet HTML 30Page - EPCOS B57867 Datasheet HTML 31Page - EPCOS B57867 Datasheet HTML 32Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
B57867S0104J140
R/T No.
2014
T (
°C)
B25/100 = 4540 K, R25 = 100000
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
14200000
12690000
15710000
10.6
1.4
7.8
50.0
9661500
8679100
10644000
10.2
1.3
7.6
45.0
6656200
6009100
7303300
9.7
1.3
7.3
40.0
4640000
4208700
5071300
9.3
1.3
7.1
35.0
3270800
2980100
3561500
8.9
1.3
6.9
30.0
2330200
2132300
2528200
8.5
1.3
6.7
25.0
1677000
1540900
1813100
8.1
1.3
6.5
20.0
1218600
1124100
1313100
7.8
1.2
6.3
15.0
893700
827490
959920
7.4
1.2
6.1
10.0
661250
614470
708040
7.1
1.2
5.9
5.0
493420
460100
526750
6.8
1.2
5.8
0.0
371200
347280
395120
6.4
1.1
5.6
5.0
281450
264150
298740
6.1
1.1
5.5
10.0
215000
202410
227600
5.9
1.1
5.3
15.0
165440
156210
174670
5.6
1.1
5.2
20.0
128190
121390
135000
5.3
1.1
5.0
25.0
100000
95000
105000
5.0
1.0
4.9
30.0
78514
74352
82676
5.3
1.1
4.8
35.0
62031
58592
65470
5.5
1.2
4.7
40.0
49304
46455
52154
5.8
1.3
4.5
45.0
39417
37049
41785
6.0
1.4
4.4
50.0
31690
29716
33663
6.2
1.4
4.3
55.0
25616
23966
27266
6.4
1.5
4.2
60.0
20815
19431
22199
6.6
1.6
4.1
65.0
17000
15835
18164
6.9
1.7
4.0
70.0
13952
12969
14935
7.0
1.8
3.9
75.0
11505
10672
12337
7.2
1.9
3.8
80.0
9530
8823
10237
7.4
2.0
3.7
85.0
7930
7327
8532
7.6
2.1
3.6
90.0
6626
6111
7141
7.8
2.2
3.5
95.0
5560
5118
6002
7.9
2.3
3.5
100.0
4684
4304
5064
8.1
2.4
3.4
105.0
3962
3634
4289
8.3
2.5
3.3
110.0
3363
3080
3647
8.4
2.6
3.2
115.0
2866
2620
3112
8.6
2.7
3.2
120.0
2451
2237
2664
8.7
2.8
3.1
125.0
2103
1916
2289
8.9
2.9
3.0
130.0
1810
1647
1973
9.0
3.0
3.0
135.0
1563
1420
1706
9.2
3.2
2.9
Temperature measurement
B57867
Miniature sensors with bendable wires
S867
Page 28 of 32
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com