Electronic Components Datasheet Search
  English  ▼

X  

B57867 Datasheet(PDF) 19 Page - EPCOS

Part # B57867
Description  NTC thermistors for temperature measurement
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57867 Datasheet(HTML) 19 Page - EPCOS

Back Button B57867 Datasheet HTML 15Page - EPCOS B57867 Datasheet HTML 16Page - EPCOS B57867 Datasheet HTML 17Page - EPCOS B57867 Datasheet HTML 18Page - EPCOS B57867 Datasheet HTML 19Page - EPCOS B57867 Datasheet HTML 20Page - EPCOS B57867 Datasheet HTML 21Page - EPCOS B57867 Datasheet HTML 22Page - EPCOS B57867 Datasheet HTML 23Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
B57867S0303F140
R/T No.
8018
T (
°C)
B25/100 = 3964 K, R25 = 30000
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
50.0
10949
10721
11177
2.1
0.6
3.8
55.0
9091
8885
9297
2.3
0.6
3.7
60.0
7584
7399
7770
2.4
0.7
3.6
65.0
6356
6189
6523
2.6
0.8
3.5
70.0
5351
5201
5500
2.8
0.8
3.4
75.0
4524
4390
4657
3.0
0.9
3.3
80.0
3840
3720
3960
3.1
1.0
3.2
85.0
3273
3166
3380
3.3
1.0
3.2
90.0
2800
2704
2896
3.4
1.1
3.1
95.0
2405
2319
2491
3.6
1.2
3.0
100.0
2073
1995
2150
3.7
1.3
2.9
105.0
1792
1723
1862
3.9
1.3
2.9
110.0
1555
1493
1618
4.0
1.4
2.8
115.0
1354
1298
1410
4.1
1.5
2.7
120.0
1182
1132
1233
4.3
1.6
2.7
125.0
1036
990.3
1081
4.4
1.7
2.6
130.0
910.0
868.9
951.0
4.5
1.8
2.6
135.0
801.7
764.6
838.9
4.6
1.8
2.5
140.0
708.3
674.6
741.9
4.8
1.9
2.5
145.0
627.4
596.9
658.0
4.9
2.0
2.4
150.0
557.2
529.5
585.0
5.0
2.1
2.3
155.0
496.1
470.9
521.4
5.1
2.2
2.3
B57867S0303H140
R/T No.
8018
T (
°C)
B25/100 = 3964 K, R25 = 30000
Ω, T
R = 25
°C, ∆R
R/RR =
± 3%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
2472200
2276300
2668200
7.9
1.1
7.0
50.0
1750300
1618700
1881900
7.5
1.1
6.8
45.0
1253200
1163900
1342600
7.1
1.1
6.6
40.0
907060
845770
968340
6.8
1.1
6.4
35.0
663280
620830
705730
6.4
1.0
6.2
30.0
489810
460140
519480
6.1
1.0
6.0
25.0
365130
344210
386040
5.7
1.0
5.8
20.0
274640
259780
289510
5.4
1.0
5.6
15.0
208370
197730
219020
5.1
0.9
5.4
10.0
159410
151720
167090
4.8
0.9
5.3
5.0
122920
117340
128490
4.5
0.9
5.1
0.0
95501
91426
99576
4.3
0.9
5.0
Temperature measurement
B57867
Miniature sensors with bendable wires
S867
Page 19 of 32
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com