Electronic Components Datasheet Search
  English  ▼

X  

B57867 Datasheet(PDF) 13 Page - EPCOS

Part # B57867
Description  NTC thermistors for temperature measurement
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57867 Datasheet(HTML) 13 Page - EPCOS

Back Button B57867 Datasheet HTML 9Page - EPCOS B57867 Datasheet HTML 10Page - EPCOS B57867 Datasheet HTML 11Page - EPCOS B57867 Datasheet HTML 12Page - EPCOS B57867 Datasheet HTML 13Page - EPCOS B57867 Datasheet HTML 14Page - EPCOS B57867 Datasheet HTML 15Page - EPCOS B57867 Datasheet HTML 16Page - EPCOS B57867 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
B57867S0502H140
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 5000
Ω, T
R = 25
°C, ∆R
R/RR =
± 3%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
50.0
1802
1728
1875
4.1
1.1
3.8
55.0
1493
1429
1557
4.3
1.2
3.7
60.0
1244
1189
1299
4.5
1.2
3.6
65.0
1042
993.3
1090
4.6
1.3
3.5
70.0
876.0
833.9
918.1
4.8
1.4
3.4
75.0
740.7
703.9
777.5
5.0
1.5
3.3
80.0
629.0
596.7
661.3
5.1
1.6
3.2
85.0
536.2
507.8
564.5
5.3
1.7
3.2
90.0
458.8
433.9
483.8
5.4
1.8
3.1
95.0
394.3
372.2
416.3
5.6
1.9
3.0
100.0
340.0
320.5
359.5
5.7
2.0
2.9
105.0
294.3
277.0
311.6
5.9
2.1
2.9
110.0
255.6
240.2
271.0
6.0
2.2
2.8
115.0
222.7
209.0
236.4
6.2
2.3
2.7
120.0
194.7
182.4
206.9
6.3
2.4
2.7
125.0
170.9
159.9
181.8
6.4
2.5
2.6
130.0
150.5
140.6
160.3
6.5
2.6
2.5
135.0
132.7
123.9
141.6
6.7
2.7
2.5
140.0
117.4
109.4
125.4
6.8
2.8
2.4
145.0
104.2
96.99
111.3
6.9
2.9
2.4
150.0
92.65
86.16
99.14
7.0
3.0
2.3
155.0
82.67
76.79
88.55
7.1
3.1
2.3
B57867S0502J140
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 5000
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
481520
433590
529460
10.0
1.3
7.4
50.0
335050
303070
367030
9.5
1.3
7.1
45.0
235840
214260
257430
9.2
1.3
6.9
40.0
168250
153480
183020
8.8
1.3
6.7
35.0
121300
111080
131510
8.4
1.3
6.4
30.0
88500
81353
95647
8.1
1.3
6.2
25.0
65185
60136
70234
7.7
1.3
6.0
20.0
48535
44930
52140
7.4
1.3
5.8
15.0
36465
33867
39062
7.1
1.3
5.6
10.0
27665
25776
29554
6.8
1.3
5.4
5.0
21158
19772
22543
6.5
1.2
5.3
0.0
16325
15301
17349
6.3
1.2
5.1
Temperature measurement
B57867
Miniature sensors with bendable wires
S867
Page 13 of 32
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com