Electronic Components Datasheet Search
  English  ▼

X  

B57867 Datasheet(PDF) 29 Page - EPCOS

Part # B57867
Description  NTC thermistors for temperature measurement
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57867 Datasheet(HTML) 29 Page - EPCOS

Back Button B57867 Datasheet HTML 24Page - EPCOS B57867 Datasheet HTML 25Page - EPCOS B57867 Datasheet HTML 26Page - EPCOS B57867 Datasheet HTML 27Page - EPCOS B57867 Datasheet HTML 28Page - EPCOS B57867 Datasheet HTML 29Page - EPCOS B57867 Datasheet HTML 30Page - EPCOS B57867 Datasheet HTML 31Page - EPCOS B57867 Datasheet HTML 32Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
B57867S0104J140
R/T No.
2014
T (
°C)
B25/100 = 4540 K, R25 = 100000
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
140.0
1354
1229
1480
9.3
3.3
2.8
145.0
1177
1066
1288
9.4
3.4
2.8
150.0
1026
927.8
1124
9.5
3.5
2.7
155.0
896.6
809.9
983.3
9.7
3.6
2.7
Temperature measurement
B57867
Miniature sensors with bendable wires
S867
Page 29 of 32
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com