Electronic Components Datasheet Search
  English  ▼

X  

B57867 Datasheet(PDF) 22 Page - EPCOS

Part # B57867
Description  NTC thermistors for temperature measurement
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57867 Datasheet(HTML) 22 Page - EPCOS

Back Button B57867 Datasheet HTML 18Page - EPCOS B57867 Datasheet HTML 19Page - EPCOS B57867 Datasheet HTML 20Page - EPCOS B57867 Datasheet HTML 21Page - EPCOS B57867 Datasheet HTML 22Page - EPCOS B57867 Datasheet HTML 23Page - EPCOS B57867 Datasheet HTML 24Page - EPCOS B57867 Datasheet HTML 25Page - EPCOS B57867 Datasheet HTML 26Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
B57867S0503F140
R/T No.
2901
T (
°C)
B25/100 = 3760 K, R25 = 50000
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
3198400
3016900
3379900
5.7
0.9
6.4
50.0
2308900
2186800
2431000
5.3
0.8
6.3
45.0
1686900
1603900
1769900
4.9
0.8
6.1
40.0
1246300
1189400
1303200
4.6
0.8
6.0
35.0
930550
891210
969890
4.2
0.7
5.8
30.0
701670
674280
729050
3.9
0.7
5.6
25.0
533960
514780
553130
3.6
0.7
5.5
20.0
409900
396410
423390
3.3
0.6
5.3
15.0
315620
306130
325100
3.0
0.6
5.1
10.0
245070
238390
251750
2.7
0.5
5.0
5.0
191050
186350
195750
2.5
0.5
4.9
0.0
150140
146830
153450
2.2
0.5
4.7
5.0
119010
116680
121340
2.0
0.4
4.6
10.0
94998
93366
96630
1.7
0.4
4.5
15.0
76284
75149
77418
1.5
0.3
4.3
20.0
61651
60871
62431
1.3
0.3
4.2
25.0
50000
49500
50500
1.0
0.2
4.1
30.0
40839
40326
41353
1.3
0.3
4.0
35.0
33583
33093
34073
1.5
0.4
3.9
40.0
27764
27304
28223
1.7
0.4
3.8
45.0
23048
22623
23472
1.8
0.5
3.7
50.0
19229
18840
19619
2.0
0.6
3.6
55.0
16092
15737
16446
2.2
0.6
3.5
60.0
13534
13213
13856
2.4
0.7
3.4
65.0
11453
11162
11745
2.5
0.8
3.3
70.0
9734
9471
9997
2.7
0.8
3.2
75.0
8304
8066
8541
2.9
0.9
3.2
80.0
7111
6896
7325
3.0
1.0
3.1
85.0
6109
5916
6302
3.2
1.1
3.0
90.0
5267
5092
5441
3.3
1.1
2.9
95.0
4562
4404
4719
3.4
1.2
2.9
100.0
3964
3822
4106
3.6
1.3
2.8
105.0
3453
3325
3582
3.7
1.4
2.7
110.0
3017
2901
3133
3.8
1.4
2.7
115.0
2644
2539
2749
4.0
1.5
2.6
120.0
2324
2229
2419
4.1
1.6
2.6
125.0
2049
1963
2136
4.2
1.7
2.5
130.0
1812
1733
1890
4.3
1.8
2.4
135.0
1605
1534
1676
4.4
1.9
2.4
Temperature measurement
B57867
Miniature sensors with bendable wires
S867
Page 22 of 32
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com