Electronic Components Datasheet Search
  English  ▼

X  

ADF4157 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4157
Description  High Resolution 6 GHz Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4157 Datasheet(HTML) 5 Page - Analog Devices

  ADF4157 Datasheet HTML 1Page - Analog Devices ADF4157 Datasheet HTML 2Page - Analog Devices ADF4157 Datasheet HTML 3Page - Analog Devices ADF4157 Datasheet HTML 4Page - Analog Devices ADF4157 Datasheet HTML 5Page - Analog Devices ADF4157 Datasheet HTML 6Page - Analog Devices ADF4157 Datasheet HTML 7Page - Analog Devices ADF4157 Datasheet HTML 8Page - Analog Devices ADF4157 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADF4157
Rev. 0 | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, GND = AGND = DGND = 0 V, VDD = AVDD = DVDD, unless otherwise noted.
THERMAL RESISTANCE
Table 3.
Parameter
Rating
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
VDD to GND
−0.3 V to +4 V
VDD to VDD
−0.3 V to +0.3 V
Table 4. Thermal Resistance
VP to GND
−0.3 V to +5.8 V
VP to VDD
−0.3 V to +5.8 V
Package Type
θJA
Unit
Digital I/O Voltage to GND
−0.3 V to VDD + 0.3 V
TSSOP
112
°C/W
Analog I/O Voltage to GND
−0.3 V to VDD + 0.3 V
LFCSP (Paddle Soldered)
30.4
°C/W
REFIN, RFIN to GND
−0.3 V to VDD + 0.3 V
ESD CAUTION
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com