Electronic Components Datasheet Search
  English  ▼

X  

ADF4157 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4157
Description  High Resolution 6 GHz Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4157 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4157 Datasheet HTML 3Page - Analog Devices ADF4157 Datasheet HTML 4Page - Analog Devices ADF4157 Datasheet HTML 5Page - Analog Devices ADF4157 Datasheet HTML 6Page - Analog Devices ADF4157 Datasheet HTML 7Page - Analog Devices ADF4157 Datasheet HTML 8Page - Analog Devices ADF4157 Datasheet HTML 9Page - Analog Devices ADF4157 Datasheet HTML 10Page - Analog Devices ADF4157 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADF4157
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
PFD = 25 MHz, loop bandwidth = 20 kHz, reference = 100 MHz, ICP = 313 μA, phase noise measurements taken on the Agilent E5052A
phase noise system.
10
–40
09
FREQUENCY (GHz)
5
0
–5
–10
–15
–20
–25
–30
–35
1234
5678
P = 4/5
P = 8/9
6.00
5.65
–100
900
TIME (µs)
5.95
5.90
5.85
5.80
5.75
5.70
0
100
200
300
400
500
600
700
800
CSR OFF
CSR ON
Figure 5. RF Input Sensitivity
Figure 8. Lock Time for 200 MHz Jump from 5705 MHz to 5905 MHz
with CSR On and Off
0
–40
0500
5.65
5.60
5.95
5.90
5.85
5.80
5.75
5.70
–100
900
TIME (µs)
FREQUENCY (MHz)
100
200
300
400
VDD = 3V
–5
–10
–15
–20
–25
–30
–35
CSR ON
0
100
200
300
400
500
600
700
800
CSR OFF
.0
Figure 9. Lock Time for 200 MHz Jump from 5905 MHz to 5705 MHz
with CSR On and Off
Figure 6. Reference Input Sensitivity
0
–160
1k
10M
FREQUENCY (Hz)
–20
–40
–60
–80
–100
–120
–140
10k
100k
1M
RF = 5800.25MHz, PFD = 25MHz, N = 232,
FRAC = 335544, FREQUENCY RESOLUTION = 0.74Hz,
20kHz LOOP BW, ICP = 313µA, DSB INTEGRATED PHASE
ERROR = 0.97° RMS, PHASE NOISE @ 2kHz = –87dBc/Hz.
6
–6
05
VCP (V)
4
2
0
–2
–4
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Figure 10. Charge Pump Output Characteristics, Pump Up and Pump Down
Figure 7. Phase Noise and Spurs
(Note that the 250 kHz spur is an integer boundary spur; see the Spur
Mechanisms section for more information.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com