Electronic Components Datasheet Search
  English  ▼

X  

ADF4157 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4157
Description  High Resolution 6 GHz Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4157 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4157 Datasheet HTML 5Page - Analog Devices ADF4157 Datasheet HTML 6Page - Analog Devices ADF4157 Datasheet HTML 7Page - Analog Devices ADF4157 Datasheet HTML 8Page - Analog Devices ADF4157 Datasheet HTML 9Page - Analog Devices ADF4157 Datasheet HTML 10Page - Analog Devices ADF4157 Datasheet HTML 11Page - Analog Devices ADF4157 Datasheet HTML 12Page - Analog Devices ADF4157 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADF4157
Rev. 0 | Page 9 of 20
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
INPUT SHIFT REGISTERS
The ADF4157 digital section includes a 5-bit RF R counter,
a 12-bit RF N counter, and a 25-bit FRAC counter. Data is
clocked into the 32-bit shift register on each rising edge of CLK.
The data is clocked in MSB first. Data is transferred from
the shift register to one of five latches on the rising edge of LE.
The destination latch is determined by the state of the three
control bits (C3, C2, and C1) in the shift register. These are
the three LSBs, DB2, DB1, and DB0, as shown in
The PFD takes inputs from the R counter and the N counter
and produces an output proportional to the phase and
frequency difference between them. Figure 14 is a simplified
schematic of the phase frequency detector. The PFD includes
a fixed delay element that sets the width of the antibacklash
pulse, which is typically 3 ns. This pulse ensures that there is no
dead zone in the PFD transfer function and gives a consistent
reference spur level.
Figure 2.
The truth table for these bits is shown in Table 6. Figure 16
shows a summary of how the latches are programmed.
U3
CLR2
Q2
D2
U2
DOWN
UP
HI
HI
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
PROGRAM MODES
Table 6 and Figure 16 through Figure 21 show how to set up
the program modes in the ADF4157.
Several settings in the ADF4157 are double-buffered. These
include the LSB FRAC value, R counter value, reference doubler,
and current setting. This means that two events have to occur
before the part uses a new value of any of the double-buffered
settings. First, the new value is latched into the device by
writing to the appropriate register. Second, a new write must be
performed on Register R0.
Figure 14. PFD Simplified Schematic
For example, updating the fractional value can involve a write
to the 13 LSB bits in R1 and the 12 MSB bits in R0. R1 should
be written to first, followed by the write to R0. The frequency
change begins after the write to R0. Double buffering ensures
that the bits written to in R1 do not take effect until after
the write to R0.
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4157 allows the user to
access various internal points on the chip. The state of
MUXOUT is controlled by M4, M3, M2, and M1 (see Figure
17). Figure 15 shows the MUXOUT section in block diagram
form.
Table 6. C3, C2, and C1 Truth Table
Control Bits
ANALOG LOCK DETECT
MUXOUT
DVDD
THREE-STATE OUTPUT
N DIVIDER OUTPUT
DVDD
DGND
DGND
R DIVIDER OUTPUT
DIGITAL LOCK DETECT
SERIAL DATA OUTPUT
CLK DIVIDER OUTPUT
R DIVIDER/2
N DIVIDER/2
CONTROL
MUX
C3
C2
C1
Register
0
0
0
Register R0
0
0
1
Register R1
0
1
0
Register R2
0
1
1
Register R3
1
0
0
Register R4
Figure 15. MUXOUT Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com