Electronic Components Datasheet Search
  English  ▼

X  

ADF4157 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4157
Description  High Resolution 6 GHz Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4157 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4157 Datasheet HTML 12Page - Analog Devices ADF4157 Datasheet HTML 13Page - Analog Devices ADF4157 Datasheet HTML 14Page - Analog Devices ADF4157 Datasheet HTML 15Page - Analog Devices ADF4157 Datasheet HTML 16Page - Analog Devices ADF4157 Datasheet HTML 17Page - Analog Devices ADF4157 Datasheet HTML 18Page - Analog Devices ADF4157 Datasheet HTML 19Page - Analog Devices ADF4157 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADF4157
Rev. 0 | Page 17 of 20
APPLICATIONS INFORMATION
INITIALIZATION SEQUENCE
After powering up the part, this programming sequence must
be followed:
1.
Test Register (R4)
2.
Function Register (R3)
3.
R Divider Register (R2)
4.
LSB FRAC Register (R1)
5.
FRAC/INT Register (R0)
RF SYNTHESIZER: A WORKED EXAMPLE
The following equation governs how the synthesizer should be
programmed:
RFOUT = [N + (FRAC/225)] × [fPFD]
(3)
where:
RFOUT is the RF frequency output.
N is the integer division factor.
FRAC is the fractionality.
fPFD = REFIN × [(1 + D)/(R × (1 + T))]
(4)
where:
REFIN is the reference frequency input.
D is the RF REFIN doubler bit.
R is the RF reference division factor.
T is the reference divide-by-2 bit (0 or 1).
For example, in a system where a 5.8002 GHz RF frequency
output (RFOUT) is required and a 10 MHz reference frequency
input (REFIN) is available, the frequency resolution is
fRES = REFIN/225
fRES = 10 MHz/225 = 0.298 Hz
From Equation 4,
fPFD = [10 MHz × (1 + 0)/1] = 10 MHz
5.8002 GHz = 10 MHz × (N + FRAC/225)
Calculating N and FRAC values,
N = int(RFOUT/fPFD) = 580
FRAC = FMSB × 213 + FLSB
FMSB = int(((RFOUT/fPFD) − N) × 212) = 81
FLSB = int(((((RFOUT/fPFD) − N) × 212) − FMSB) × 213) = 7537
where:
FMSB is the 12-bit MSB FRAC value in Register R0.
FLSB is the 13-bit LSB FRAC value in Register R1.
int() makes an integer of the argument in brackets.
REFERENCE DOUBLER AND REFERENCE DIVIDER
The reference doubler on-chip allows the input reference signal
to be doubled. This is useful for increasing the PFD comparison
frequency. Making the PFD frequency higher improves the noise
performance of the system. Doubling the PFD frequency
usually improves noise performance by 3 dB. It is important to
note that the PFD cannot be operated above 32 MHz due to
a limitation in the speed of the Σ-Δ circuit of the N divider.
CYCLE SLIP REDUCTION FOR FASTER LOCK TIMES
In fast-locking applications, a wide loop filter bandwidth is
required for fast frequency acquisition, resulting in increased
integrated phase noise and reduced spur attenuation. Using
cycle slip reduction, the loop bandwidth can be kept narrow to
reduce integrated phase noise and attenuate spurs while still
realizing fast lock times.
Cycle Slips
Cycle slips occur in integer-N/fractional-N synthesizers when
the loop bandwidth is narrow compared to the PFD frequency.
The phase error at the PFD inputs accumulates too fast for the PLL
to correct, and the charge pump temporarily pumps in the wrong
direction, slowing down the lock time dramatically. The ADF4157
contains a cycle slip reduction circuit to extend the linear range
of the PFD, allowing faster lock times without loop filter changes.
When the ADF4157 detects that a cycle slip is about to occur, it
turns on an extra charge pump current cell. This outputs a constant
current to the loop filter or removes a constant current from the
loop filter (depending on whether the VCO tuning voltage needs
to increase or decrease to acquire the new frequency). The effect is
that the linear range of the PFD is increased. Stability is main-
tained because the current is constant and is not a pulsed current.
If the phase error increases again to a point where another cycle
slip is likely, the ADF4157 turns on another charge pump cell.
This continues until the ADF4157 detects that the VCO
frequency has gone past the desired frequency. It then begins to
turn off the extra charge pump cells one by one until they are all
turned off and the frequency is settled.
Up to seven extra charge pump cells can be turned on. In most
applications, it is enough to eliminate cycle slips altogether,
giving much faster lock times.
Setting Bit DB28 in the R Divider register (R2) to 1 enables
cycle slip reduction. Note that a 45% to 55% duty cycle is
needed on the signal at the PFD in order for CSR to operate
correctly. The reference divide-by-2 flip-flop can help to
provide a 50% duty cycle at the PFD. For example, if a 100 MHz
reference frequency is available, and the user wants to run the
PFD at 10 MHz, setting the R divide factor to 10 results in a 10
MHz PFD signal that is not 50% duty cycle. By setting the R
divide factor to 5 and enabling the reference divide-by-2 bit, a
50% duty cycle 10 MHz signal can be achieved.
Note that the cycle slip reduction feature can only be operated
when the phase detector polarity setting is positive (DB6 in
Register R3). It cannot be used if the phase detector polarity is
set to negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com