Electronic Components Datasheet Search
  English  ▼

X  

ADF4157 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4157
Description  High Resolution 6 GHz Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4157 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4157 Datasheet HTML 7Page - Analog Devices ADF4157 Datasheet HTML 8Page - Analog Devices ADF4157 Datasheet HTML 9Page - Analog Devices ADF4157 Datasheet HTML 10Page - Analog Devices ADF4157 Datasheet HTML 11Page - Analog Devices ADF4157 Datasheet HTML 12Page - Analog Devices ADF4157 Datasheet HTML 13Page - Analog Devices ADF4157 Datasheet HTML 14Page - Analog Devices ADF4157 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADF4157
Rev. 0 | Page 11 of 20
FRAC/INT REGISTER (R0) MAP
With R0[2, 1, 0] set to [0, 0, 0], the on-chip Frac/Int register is
programmed as shown in Figure 17.
Reserved Bit
The reserved bit should be set to 0 for normal operation.
MUXOUT
The on-chip multiplexer is controlled by DB[30], DB[29],
DB[28] and DB[27] on the ADF4157. See Figure 17 for
the truth table.
12-Bit INT Value
These twelve bits control what is loaded as the INT value. This
is used to determine the overall feedback division factor. It is
used in Equation 1. See the INT, FRAC, and R Relationship
section for more information.
12-Bit MSB FRAC Value
These twelve bits, along with Bits DB[27:15] in the LSB FRAC
register (R1), control what is loaded as the FRAC value into
the fractional interpolator. This is part of what determines the
overall feedback division factor. It is also used in Equation 1.
These 12 bits are the most significant bits (MSB) of the 25-bit
FRAC value, and Bits DB[27:15] in the LSB FRAC register (R1)
are the least significant bits (LSB). See the RF Synthesizer: A
Worked Example section for more information.
DB31
CONTROL
BITS
12-BIT MSB FRACTIONAL VALUE
(FRAC)
12-BIT INTEGER VALUE (INT)
MUXOUT
CONTROL
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
M4
M3
M2
M1
N12 N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
F25
F24
F23
F22
F21
F20
F19
F18
F17
F16
F15
F14 C3(0) C2(0) C1(0)
M4
M3
M2
M1
OUTPUT
0
0
0
0
THREE-STATE OUTPUT
000
1
DVDD
001
0
DGND
0
0
1
1
R DIVIDER OUTPUT
0
1
0
0
N DIVIDER OUTPUT
0
1
0
1
RESERVED
0
1
1
0
DIGITAL LOCK DETECT
0
1
1
1
SERIAL DATA OUTPUT
1
0
0
0
RESERVED
1
0
0
1
RESERVED
101
0
CLK DIVIDER
1
0
1
1
RESERVED
1
1
0
0
RESERVED
1
1
0
1
R DIVIDER/2
1
1
1
0
N DIVIDER/2
1
1
1
1
RESERVED
F12
F11
..........
F2
F1
MSB FRACTIONAL VALUE
(FRAC)*
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
4092
1
1
..........
0
1
4093
1
1
..........
1
0
4094
1
1
..........
1
1
4095
N12
N11
N10
N9N8N7
N6N5N4N3N2N1
INTEGER VALUE
(INT)
0
0
0
000
010
1
11
23
0
0
0
000
011
0
00
24
0
0
0
000
011
0
01
25
0
0
0
000
011
0
10
26
.
.
.
...
...
...
.
.
.
.
...
...
...
.
.
.
.
...
...
...
.
1
1
1
111
111
1
01
4093
1
1
1
111
111
1
10
4094
1
1
1
111
111
1
11
4095
*THE FRAC VALUE IS MADE UP OF THE 12-BIT MSB STORED IN
REGISTER 0, AND THE 13-BIT LSB REGISTER STORED IN
REGISTER 1. FRAC VALUE = 13-BIT LSB + 12-BIT MSB × 213.
Figure 17. FRAC/INT Register (R0) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com