Electronic Components Datasheet Search
  English  ▼

X  

ADF4157 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4157
Description  High Resolution 6 GHz Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4157 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4157 Datasheet HTML 10Page - Analog Devices ADF4157 Datasheet HTML 11Page - Analog Devices ADF4157 Datasheet HTML 12Page - Analog Devices ADF4157 Datasheet HTML 13Page - Analog Devices ADF4157 Datasheet HTML 14Page - Analog Devices ADF4157 Datasheet HTML 15Page - Analog Devices ADF4157 Datasheet HTML 16Page - Analog Devices ADF4157 Datasheet HTML 17Page - Analog Devices ADF4157 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADF4157
Rev. 0 | Page 14 of 20
DB31
RESERVED
5-BIT R-COUNTER
CURRENT
SETTING
CONTROL
BITS
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
00
0
C1
CPI4 CPI3 CPI2 CPI1
0
P1
U2
U1
R5
R4
R3
R2
R1
0
00
000
00
00
00
C3(0) C2(1) C1(0)
C1
CYCLE SLIP
REDUCTION
0DISABLED
1ENABLED
U1
REFERENCE
DOUBLER
0
DISABLED
1ENABLED
R5
R4
R3
R2
R1
R COUNTER DIVIDE RATIO
00
00
1
1
00
01
0
2
00
01
1
3
00
10
0
4
.....
.....
.....
11
10
1
29
11
11
.
30
11
11
1
31
00
00
0
32
U2
R DIVIDER
0DISABLED
1ENABLED
P1
PRESCALER
04/5
18/9
ICP (mA)
CPI4
CPI3
CPI2
CPI1
5.1kΩ
00
00
0.31
00
01
0.63
00
10
0.94
00
11
1.25
01
00
1.57
01
01
1.88
01
10
2.19
01
11
2.5
10
00
2.81
10
01
3.13
10
10
3.44
10
11
3.75
11
00
4.06
11
01
4.38
11
10
4.69
11
11
5
Figure 19. R Divider Register (R2) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com