Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 35Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 36Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 37Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 38Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 39Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 40Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 41Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 42Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Data Sheet
ADAQ4216
SERIAL INTERFACE
analog.com
Rev. 0 | 39 of 61
The ADAQ4216 supports a multilane SPI serial digital interface with
a common bit clock (SCK). The flexible VIO pins supply allows
the ADAQ4216 to communicate with any digital logic operating
between 1.2V and 1.8V. However, for the VIO pins levels less than
1.4V, the IO2X bit in the output driver register must be set to 1 (for
more details, see the Output Driver Register section). The serial
output data is clocked out on up to 4 SDO lanes (see Figure 102).
An echo clock mode that is synchronous with the output data is
available to ease timing requirements when using isolation on the
digital interface. A host clock mode is also available and uses an
internal oscillator to clock out the data bits. The SPI Clocking Mode,
Echo Clock Mode, Host Clock Mode, Single-Data Rate Mode,
Dual-Data Rate Mode, 1-Lane Output Data Clocking Mode, 2-Lane
Output Data Clocking Mode, 4-Lane Output Data Clocking Mode,
and Data Output Modes Summary sections describe the operation
of the ADAQ4216 SPI.
Figure 102. ADAQ4216 Multilane SPI
SPI SIGNALS
The SPI is a multilane interface that is used to both configure the
ADC as well as retrieve sampled data. It consists of the following
signals:
►
CS (input) (chip select). CS must be set to low to initiate and
enable a data transfer to or from the SDI pins or SDOx pins of
the ADC. CS timing for reading sample data can be moderated
by observing the state of the BUSY pin. For echo clock mode
and host clock mode, CS timing must be controlled by the host
processor because the BUSY_SCKOUT pin is used as the bit
clock output for these clocking modes.
►
SDI (input). Serial data input stream from the host controller to
the ADC. The SDI signal is only used when writing data into one
of the user registers of the ADAQ4216.
►
CNV (input). The CNV signal is sourced by the host controller
and initiates a sample conversion. The frequency of the CNV
signal determines the sampling rate of the ADAQ4216. The
maximum frequency of the CNV clock is 2MSPS.
►
SCK (input). Serial data clock sourced by the host controller.
The maximum SCK rate supported for output data transfer is
100MHz. For register reads and writes, the maximum SCK rate
is 86MHz for the VIO pins > 1.71V, and 81MHz for 1.14V ≤ the
VIO pins < 1.71V.
►
SDO0 through SDO3 (outputs). Data lanes to the host controller.
The number of active data lanes can be either 1-lane, 2-lane, or
4-lane (see Table 14). The number of data lanes is configured in
the Modes Register section.
►
BUSY_SCKOUT (output). The behavior of the BUSY_SCKOUT
pin is dependent on the selected clocking mode. Table 13 de-
fines the behavior of the BUSY_SCKOUT pin for each clocking
mode.
Table 13. BUSY_SCKOUT Pin Behavior vs. Clocking Mode
Clocking Mode
Behavior
SPI Clocking Mode
Valid BUSY_SCKOUT pin signal for the ADC
conversion status. The busy signal on the
BUSY_SCKOUT pin goes high when a conversion is
triggered by the CNV signal. The busy signal on the
BUSY_SCKOUT pin goes low when the conversion is
complete.
Echo Clock Mode
Bit clock. The BUSY_SCKOUT pin is a delayed version
of SCK input.
Host Clock Mode
Bit clock. The BUSY_SCKOUT pin sources the clock
signal from the internal oscillator.
Register Access Mode
The ADAQ4216 offers programmable user registers that are used
to configure the device, as shown in the Registers section. By
default, at power-up, the device is in conversion mode. Therefore,
to access the user registers, a special access command must be
sent by the host controller over the SPI, as shown in Figure 5.
When this register access command is sent over the SPI, the
device enters the register configuration mode. To readback the
values from one of the user registers listed in the Registers section,
the host controller must send the pattern shown in Figure 4. To
write to one of the user registers, the host controller must send
the pattern shown in Figure 3. In either case (read/write), the host
controller must always issue 24 clock pulses on SCK line and pull
CS low for the entire transaction.
After writing to/reading from the appropriate user registers, the host
controller must exit the register configuration mode by writing 0x01
to register address 0x0014 as detailed in the EXIT Configuration
Mode Register section. An algorithm for register read/write access
is as follows:
1. Perform a readback from a dummy register address 0x3FFF, to
enter the register configuration mode.
2. Readback from or write to the required user register addresses.
3. Exit the register configuration mode by writing 0x01 to register
address 0x0014. Exiting register configuration mode causes the
register updates to take effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com