Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 2Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 3Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 4Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 5Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 6Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 7Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 8Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 9Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
Data Sheet
ADAQ4216
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 61
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INTERNAL REFERENCE BUFFER
External reference drives REFIN
REFIN Voltage Range
5.3V ≤ VDD_5V ≤ 5.5V
4.95
5
5.05
V
4.75V ≤ VDD_5V ≤ 5.25V
4.046
4.096
4.146
V
REFIN Bias Current
REFIN = 5V
10
13.5
μA
REFIN Input Impedance
500
kΩ
REFIN Input Capacitance
40
pF
Reference Buffer Offset Error
REFIN = 5V or 4.096V, TA = 25°C
−150
±20
+150
µV
Reference Buffer Offset Drift
±0.3
µV/°C
Power-On Settling Time
3
ms
DIGITAL INPUTS, ADC
1.14V ≤ VIO ≤ 1.89V
Logic Levels
Input Voltage Low (VIL)
−0.3
+0.35 × VIO
V
Input Voltage High (VIH)
0.65 × VIO
VIO + 0.3
V
Input Current Low (IIL)
−10
+10
µA
Input Current High (IIH)
−10
+10
µA
Input Pin Capacitance
2
pF
DIGITAL INPUTS, A0, A1
Logic Levels
Input Voltage Low (VIL)
2
V
Input Voltage High (VIH)
0.8
V
Input Current (IIL or IIH)
0.002
μA
Input Pin Capacitance
2
pF
DIGITAL INPUT, FDA
PDB_FDA Input Current
PDB_FDA = FDD_FDA or 0V
50
μA
DIGITAL OUTPUTS
1.14V ≤ VIO ≤ 1.89V
Conversion
results available
immediately after
completed
conversion
Pipeline Delay
Output Voltage Low (VOL)
Sink Current (ISINK) = 2mA
0.25 × VIO
V
Output Voltage High (VOH)
Source Current (ISOURCE) = 2mA
0.75 × VIO
V
LDO CHARACTERISTICS
VDD_1.8V Output Voltage
1.71
1.8
1.89
V
Load Regulation
IOUT = 1mA to 100mA
0.003
%/mA
Dropout Voltage4
IOUT = 100mA
45
mV
Start-up Time 5
200
μs
Current Limit Threshold
260
mA
EN_LDO Input Current
EN_LDO = VLDO
0.001
1
μA
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
15
°C
POWER SUPPLIES
VDDH
18
V
VSSH
−18
V
VDD_FDA
3
5
VSS_FDA +10
V
VSS_FDA
VDD_FDA − 10
0
+0.1
V
VDD_5V
REFIN = 5V
5.3
5.4
5.5
V
REFIN = 4.096V
4.75
5
5.25
V
VDD_1.8V
1.71
1.8
1.89
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com