Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 10Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 11Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 12Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 13Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 14Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 15Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 16Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 17Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
Data Sheet
ADAQ4216
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 14 of 61
Table 11. Pin Function Descriptions (Continued)
Pin Number
Mnemonic
Type1
Description
D17, E17
VIO
P
Input/Output Interface Digital Power. Nominally, this pin is at the same supply as the host interface (1.8V,
1.5V, or 1.2V). This pin has a 0.2μF bypass capacitor inside the package. For VIO < 1.4V, Bit IO2X of the
output driver register must be set to 1.
E3
A1
DI
PGIA Gain-Control Logic Input 1.
E4
A0
DI
PGIA Gain-Control Logic Input 0.
E6, F6
VDD_FDA
P
FDA Positive Power Supply. This pin has a 0.1μF bypass capacitor inside the package. Bypass this pin
to GND with at least 2.2μF (0402, X5R) ceramic capacitor.
E9
OUTP
AO
Positive FDA Output.
E10
ADCP
AI
Positive ADC Input.
E15 to E16, F15, G15, H15 to
H16, J15, K15, L17
IOGND
P
VIO Ground. Connect to the same ground plane as all GND pins.
F9
OUTN
AO
Negative FDA Output.
F10
ADCN
AI
Negative ADC Input.
F16
SDO3
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
F17
SDO1
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
G7, G11 to G12, H11 to H12
DNC
Do Not Connect.
G16
SDO2
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
G17
SDO0
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
H7
PDB_FDA
DI
Power-Down FDA. Active low. Connect the PDB_FDA pin to GND to power down the FDA. Otherwise,
connect the PDB_FDA pin to VDD_FDA logic high supply.
H17
BUSY_SCKOUT
DO
BUSY Indicator in SPI Clocking Mode. This pin goes high at the start of a new conversion and returns
low when the conversion finishes. Logic levels are determined by the VIO pin. When SCKOUT is
enabled, this pin function is either an echo of the incoming SCK from the host controller or a clock
sourced by the internal oscillator.
J6, K6
VSS_FDA
P
FDA Negative Supply. This pin has a 0.1μF bypass capacitor inside the package. Bypass this pin to
GND with at least 2.2μF (0402, X5R) ceramic capacitor. Connect to GND for fewer power supply rails.
A13 to A15, B13 to B15, J10,
K10
NIC
Not Internally Connected. These pins are not connected internally.
J16 to J17, K16 to K17
DNC
Do Not Connect. These pins are internally connected to digital output drivers in high-Z mode.
K12, L12
VDD_1.8V
P
LDO Voltage Output. The output is typically at 1.8V. This pin has a 1μF and 0.1μF bypass capacitors
inside the package.
L7
EN_LDO
DI
Enable LDO pin. For automatic start-up, connect EN_LDO to VLDO.
L8
VLDO
P
Internal LDO Input Supply. This pin has a 1μF bypass capacitor inside the package. The input range for
VLDO is 2.2V to 5.5V.
L14
CSB
DI
Chip Select Input (Active Low).
L15
SDI
DI
Serial Data Input.
L16
SCK
DI
Serial-Data Clock Input. When the device is selected (CSB = low), the conversion result is shifted out by
this clock.
1 AI is analog input, AO is analog output, P is power, DI is digital input, and DO is digital output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com